Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3801N Datasheet(PDF) 1 Page - eupec GmbH

Part # T3801N
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T3801N Datasheet(HTML) 1 Page - eupec GmbH

  T3801N Datasheet HTML 1Page - eupec GmbH T3801N Datasheet HTML 2Page - eupec GmbH T3801N Datasheet HTML 3Page - eupec GmbH T3801N Datasheet HTML 4Page - eupec GmbH T3801N Datasheet HTML 5Page - eupec GmbH T3801N Datasheet HTML 6Page - eupec GmbH T3801N Datasheet HTML 7Page - eupec GmbH T3801N Datasheet HTML 8Page - eupec GmbH T3801N Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T 3801N
BIP AM / SM PB, 2001-08-07, Przybilla J. / Keller
1/9
Seite/page
Kenndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltage
Tvj = -40°C... Tvj max
VDRM,VRRM 3100
3500
3300
3600
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
ITRMSM
9250 A
Dauergrenzstrom
average on-state current
TC = 85 °C
TC = 60 °C
ITAVM
4190
5890
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
91000
87000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
41400
37850
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50 Hz, iGM = 3 A, diG/dt = 6 A/µs
(diT/dt)cr
300 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter F
(dvD/dt)cr
1000 V/µs
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 4000A
vT
typ.
max.
1,3
1,4
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
0,772
0,826
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
0,131
0,143
mΩ
mΩ
A 0,69572
B 2,888E-07
C -0,03974
typ.
D 0,0147
A 0,7485
B 9,023E-06
C -0,04072
Durchlaßkennlinie
400A
≤ iF ≤ 5000A
on-state characteristic
Tvj = Tvj max
max.
D 0,01505
Zündstrom
gate trigger current
Tvj = 25°C, vD = 12 V
IGT
max.
350 mA
Zündspannung
gate trigger voltage
Tvj = 25°C, vD = 12 V
VGT
max.
2,5 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max , vD = 12 V
Tvj = Tvj max , vD = 0,5 VDRM
IGD
max.
max.
20
10
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max , vD = 0,5 VDRM
VGD
max.
0,4 V
Haltestrom
holding current
Tvj = 25°C, vD = 12 V
IH
max.
350 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12 V, RGK ≥ 10 Ω
iGM = 3 A, diG/dt = 6 A/µs, tg = 20 µs
IL
max.
3 A
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
600 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C,iGM = 3 A, diG/dt = 6 A/µs
tgd
max.
2 µs
prepared by: C. Schneider
date of publication:
2006-05-05
approved by: J. Przybilla
revision:
5
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v
+
+
+
+
=


Similar Part No. - T3801N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T3801N INFINEON-T3801N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results

Similar Description - T3801N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com