Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9444 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9444
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9444 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9444 Datasheet HTML 3Page - Intersil Corporation ISL9444 Datasheet HTML 4Page - Intersil Corporation ISL9444 Datasheet HTML 5Page - Intersil Corporation ISL9444 Datasheet HTML 6Page - Intersil Corporation ISL9444 Datasheet HTML 7Page - Intersil Corporation ISL9444 Datasheet HTML 8Page - Intersil Corporation ISL9444 Datasheet HTML 9Page - Intersil Corporation ISL9444 Datasheet HTML 10Page - Intersil Corporation ISL9444 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL9444
7
FN7665.0
May 23, 2011
Typical Application - ISL9444
SGND
15
PGND
29
9
RT
RT
118k
30
+
EN3
+19V
UGATE2
PHASE2
ISL9444
+
CIN2
R6
C8
37
32
36
7
LGATE2
19
ISEN2
R5
C4
BOOT2
VIN
31
29
R7
38
FB1
UGATE1
PHASE1
+
C6
LGATE1
ISEN1
R4
C3
BOOT1
R1
OCSET3
VCC_5V
4
40
35
34
33
5
L2
17
Q2
VOUT2
R2
Q5
FB2
VOUT1
R13
+5.0V, 18A
CIN5
CIN7
L1
C2
+ 12.0V, 15A
150µF
200k
2.2µH
2.2µH
RJK0329DPB
1.74k
10.7k
3.92k
2.0k
3.24k
52.3k
0.22µF
10µF
4.7µF
180µF
10µF
0.22µF
330µF
UGATE3
PHASE3
+
R9
C10
25
LGATE3
ISEN3
R8
C9
BOOT3
24
R10
27
27
26
L3
20
Q7
FB3
VOUT3
+3.3V, 15A
1.5µH
3.09k
11.5k
3.92k
330µF
CIN9
10µF
+16V
8
OCSET1
R11
200k
16
OCSET2
R12
200k
11
1
PGOOD2
PFO
18
21
22
PGOOD1
+
C5
330µF
+C7
180µF
C1
0.1µF
22pF
CFF3
TK/SS2
TK/SS3
CIN3
150µF
+
CIN4
10µF
CFF1
4700pF
CFF2
1000pF
RJK0332DPB
Q3
Q4
RJK0332DPB
Q6
RJK0329DPB
RJK0332DPB
CIN6
10µF
EXTBIAS
RJK0329DPB
CIN8
10µF
0.22µF
Q1
+ C11
330µF
+
CIN1
150µF
PGOOD2
VOUT1
V
RPG
100k
3
EXTBIAS
C10
0.1µF
PFO
CSS3
47nF
2 PFI
14
EN2
+16V
V
R14
64.9k
R15
10k
CSS2
47nF
10
PGOOD1
PGOOD1
6
EN/SS1
CSS1
47nF
PGOOD2
PGOOD
PGOOD3
12
MODE/SYNC
23
13
PG3_DLY
CLKOUT
R16
200
R3
200
VOUT1 can be connected to EXTBIAS for lower IC power dissipation and IC self-bias.
External boot diode may be added for PWM2.
Care must be taken to ensure VIN does not drop below EXTBIAS.


Similar Part No. - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
logo
Renesas Technology Corp
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444CRZ RENESAS-ISL9444CRZ Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444EVAL1Z RENESAS-ISL9444EVAL1Z Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444IRZ INTERSIL-ISL9444IRZ Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
More results

Similar Description - ISL9444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com