Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89162FBEAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL89162FBEAZ
Description  High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89162FBEAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL89162FBEAZ Datasheet HTML 3Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 4Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 5Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 6Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 7Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 8Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 9Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 10Page - Intersil Corporation ISL89162FBEAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ISL89160, ISL89161, ISL89162
7
FN7719.1
January 20, 2011
FIGURE 7. MILLER PLATEAU SINK CURRENT
FIGURE 8. MILLER PLATEAU SOURCE CURRENT
Test Waveforms and Circuits (Continued)
200 ns
VMILLER
-IMP
VOUT
Current through
0.1
Resistor
10V
0A
0V
Ω
200ns
VMILLER
IMP
VOUT
Current through
0.1
Resistor
0
Ω
Typical Performance Curves
FIGURE 9. IDD vs VDD (STATIC)
FIGURE 10. IDD vs VDD (1 MHz)
FIGURE 11. IDD vs FREQUENCY (+25°C)
FIGURE 12. rDS(ON) vs TEMPERATURE
2.0
2.5
3.0
3.5
4
8
12
16
VDD
+125°C
+25°C
-40°C
20
25
30
35
15
10
5
4
8
12
16
VDD
+125°C
+25°C
-40°C
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
2.0
FREQUENCY (MHz)
NO LOAD
5V
10V
16V
12V
1.8
1.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-45
-20
5
30
55
80
105
130
TEMPERATURE (°C)
VOUT LOW
VOUT HIGH


Similar Part No. - ISL89162FBEAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89162FBEAZ INTERSIL-ISL89162FBEAZ Datasheet
258Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
logo
Renesas Technology Corp
ISL89162FBEAZ RENESAS-ISL89162FBEAZ Datasheet
686Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Drivers
More results

Similar Description - ISL89162FBEAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
logo
Renesas Technology Corp
ISL89160 RENESAS-ISL89160 Datasheet
686Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Drivers
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Renesas Technology Corp
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
   6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429_13 Datasheet
370Kb / 20P
   6A Single High-Speed, CMOS Power MOSFET Driver
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com