Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55211IRTZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55211IRTZ
Description  Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211IRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55211IRTZ Datasheet HTML 1Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 2Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 3Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 4Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 5Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55211IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Wideband, Low Noise, Low Distortion, Fixed Gain,
Differential Amplifier
ISL55211
The ISL55211 is a wideband, differential input to differential
output amplifier offering 3 possible internal gain settings.
Using fixed 500Ω internal feedback resistors, the amplifier
may be configured for a differential gain of 2, 4 or 5V/V
depending on which combination of input pins are connected
to the signal source. Internal feedback capacitors controls the
signal bandwidth to be a constant 1.4GHz in all gain settings.
Ideally suited for AC-coupled data acquisition applications, the
output DC common mode voltage is controlled through an
external VCM pin or left to default to 1.2V above the negative
supply pin. Where the differential signal source is AC-coupled,
the input common mode voltage will equal the output
common mode voltage.
Intended for very high dynamic range ADC interface
applications, the ISL55211 offers 5600V/µs differential slew
rate, <12nV/√Hz output noise, and >100dBc SFDR to
>100MHz for 2VP-P 2-tone 3rd order intermodulation. Its
balanced architecture effectively suppresses even order
distortion terms - an important issue for very wide band 1st
Nyquist zone ADC interface applications. Minimum gain
operation of 2V/V (6dB) with <1dB peaking ensures stable
performance over-temperature. It's ultra high differential slew
rate of 5600V/µs provides adequate performance margin for
large signal application through 500MHz.
The ISL55211 requires only a single 3.3V (max. 4.2V) power
supply and 35mA quiescent current, providing a very low
power solution (115mW). Further power savings are possible
using the optional power shutdown control - where the
quiescent current can be reduced to <0.4mA. A companion
device, the ISL55210, offers similar performance where the
feedback and gain resistors are external. Both are available in
a 16 Ld TQFN (Pb-free) package and are specified for
operation over the -40°C to +85°C ambient temperature
range.
Features
• 3 Fixed Gain Options . . . . . . . . . . . . . . . . . . . . . . . 2, 4, or 5V/V
• Constant Bandwidth Over Gain . . . . . . . . . . . . . . . . . . 1.4GHz
• Differential Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 5,600V/µs
•2VP-P, 2-tone IM3 (200Ω) 100MHz . . . . . . . . . . . . . . -103dBc
• Low Differential Output Noise (Gain 5V/V) . . . . . . <12nV/√Hz
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . 3.0V to 4.2V
• Quiescent Power (3.3V Supply) . . . . . . . . . . . . . . . . . .115mW
Applications
• Low Power, High Dynamic Range ADC Interface
• Differential Mixer Output Amplifier
• SAW Filter Pre/Post Driver
• Fixed Gain Coax Receiver
Related Devices
• ISL55210 - External Gain Set Version
• ISLA112P50 - 12-bit, 500MSPS ADC (<500mW)
• ISLA214P50 - 14-bit, 500MSPS ADC (<850mW)
Related Literature
• AN1649 - “Designer’s guide to the ISL55210 and ISL55211
Evaluation Boards”
-13
-10
-7
-4
-1
2
5
8
11
14
17
20
23
1M
10M
100M
1G
50
1:2
ISL55211
+3.3V
+
-
VCM
22pF
10
300
8pF
ISLA214P50
1:1.4
50
VCM
ADT4-1T
ADT2-1T
Vi
G=5V/V
120nH
120nH
VADC
HIGHGAIN, VERYLOWPOWER, ADCINTERFACEWITH3RD ORDEROUTPUTFILTER
20log
VADC
Vi
=20dB
35mA
(115mW)
14Bit 500MSPS
180mVP-P
For ADC-1dBFS
1.2V
(850mW)
10
50
FIGURE 1. TYPICAL APPLICATION CIRCUIT
FREQUENCY (Hz)
MEASURED FREQUENCY RESPONSE
June 21, 2011
FN7868.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL55211IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ RENESAS-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211IRTZ-EVAL1Z INTERSIL-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ-EVAL1Z RENESAS-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Similar Description - ISL55211IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com