Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89160FBEBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL89160FBEBZ
Description  High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89160FBEBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL89160FBEBZ Datasheet HTML 2Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 3Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 4Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 5Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 6Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 7Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 8Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 9Page - Intersil Corporation ISL89160FBEBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL89160, ISL89161, ISL89162
6
FN7719.1
January 20, 2011
Miller Plateau Source Current
(See Test Circuit Figure 6)
IMP
VDD = 10V,
VMILLER = 5V
-5.2
-
-
-
A
IMP
VDD = 10V,
VMILLER = 3V
-5.8
-
-
-
A
IMP
VDD = 10V,
VMILLER = 2V
-6.9
-
-
-
A
AC Electrical Specifications VDD = 12V, GND = 0V, No Load on OUTA or OUTB, Unless Otherwise Specified. Boldface limits
apply over the operating junction temperature range, -40°C to +125°C.
(Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
/NOTES
TJ = +25°C
TJ = -40°C
to +125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Test Waveforms and Circuits
FIGURE 3. PROP DELAYS AND MATCHING
FIGURE 4. RISE/FALL TIMES
FIGURE 5. MILLER PLATEAU SINK CURRENT TEST CIRCUIT
FIGURE 6. MILLER PLATEAU SOURCE CURRENT TEST CIRCUIT
INA,
INB
OUTA
OUTB
0V
3.3V*
tRDLY
tRDLY
50%
50%
tFDLY
tFDLY
* logic levels: A option = 3.3V, B option = 5.0V
tRM
tFM
/OUTB
/OUTA
OUTA
OR
OUTB
tR
tF
90%
10%
VMILLER
10V
+ISENSE
-ISENSE
10µF
0.1µF
0.1
200ns
10k
ISL8916x
10nF
VMILLER
10V
+ISENSE
-ISENSE
10µF
0.1µF
0.1
200ns
10k
ISL8916x
10nF


Similar Part No. - ISL89160FBEBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL89160FBEBZ RENESAS-ISL89160FBEBZ Datasheet
686Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Drivers
More results

Similar Description - ISL89160FBEBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
logo
Renesas Technology Corp
ISL89160 RENESAS-ISL89160 Datasheet
686Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Drivers
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Renesas Technology Corp
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
   High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
   6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429_13 Datasheet
370Kb / 20P
   6A Single High-Speed, CMOS Power MOSFET Driver
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com