Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23445UFVZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL23445UFVZ
Description  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23445UFVZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL23445UFVZ Datasheet HTML 1Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 2Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 3Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 4Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 5Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 6Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 7Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 8Page - Intersil Corporation ISL23445UFVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL23445
3
FN7874.0
June 21, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
RESISTANCE
OPTION
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23445TFVZ
23445 TFVZ
100
-40 to +125
20 Ld TSSOP
MDP0044
ISL23445UFVZ
23445 UFVZ
50
-40 to +125
20 Ld TSSOP
MDP0044
ISL23445WFVZ
23445 WFVZ
10
-40 to +125
20 Ld TSSOP
MDP0044
ISL23445TFRZ
445T
100
-40 to +125
20 Ld 3x4 QFN
L20.3x4
ISL23445UFRZ
445U
50
-40 to +125
20 Ld 3x4 QFN
L20.3x4
ISL23445WFRZ
445W
10
-40 to +125
20 Ld 3x4 QFN
L20.3x4
NOTES:
1. Add “-TK” suffix for 1k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL23445. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL23445UFVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23445UFVZ RENESAS-ISL23445UFVZ Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

Similar Description - ISL23445UFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com