Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW24V08MRG002 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # GPBW24V08MRG002
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW24V08MRG002 Datasheet(HTML) 8 Page - Bel Fuse Inc.

  GPBW24V08MRG002 Datasheet HTML 1Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 2Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 3Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 4Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 5Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 6Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 7Page - Bel Fuse Inc. GPBW24V08MRG002 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2011 Bel Fuse Inc. Specifications subject to change without notice.052011
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel
852-2328-5515
Tel
44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
page 8
BOLERO HV DC/DC CONVERTERS
48V Input – 24VDC – 8A Output
GPBW24V08
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products. These parts are not however compatible with the
higher temperatures associated with lead free solder processes and must be soldered using a
reflow profile with a peak temperature of no more than 240
˚C.
Mechanical
GPBW24V08
0.43 ±0.01


Similar Part No. - GPBW24V08MRG002

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V08MRG002 BEL-GPBW24V08MRG002 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW24V08MRG002

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com