Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI1008S-24NKF Datasheet(PDF) 8 Page - Superworld Electronics

Part # SCI1008S-24NKF
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-24NKF Datasheet(HTML) 8 Page - Superworld Electronics

  SCI1008S-24NKF Datasheet HTML 1Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 2Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 3Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 4Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 5Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 6Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 7Page - Superworld Electronics SCI1008S-24NKF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 8
22.06.2010
SCI1008S SERIES
WIREWOUND CHIP INDUCTORS
Measured after exposure in the room condition for 2hrs
Load Life Test
Characteristics
Low Temperature
Thermal Shock
High Temperature
High Temperature
Humidity Load
Life
7
6
Storage Test
5
3
Test
4
Storage Test
Resistance
Temperature
Humidity
1
2
15
25±2
2
Load : Allowed DC current
Temperature : 40±2°C
Relative Humidity : 90~95%
Time : 1000±12hrs
Load : Allowed DC current
Total : 5 cycles
Load : Allowed DC current
Time : 48±2hrs
Time : 1000±12hrs
Temperature : 85±2°C
Temperature : 125±2°C
evidence of short of
There should be no
open circuit.
4
3
25±2
85±3
30
15
Inductors are to be tested after 1 hour at room
Time : 96hrs ±2hrs
Relative Humidity : 90~95%
Temperature : 40±2°C
-40°C ~ +125°C
One cycle :
temperature.
Time : 48±2hrs
Temperature : -40±2°C
Appearance : No damage
Q change : within ±20%
L change : within ±10%
1
Step
-25±3
Temperature (°C)
Time (min)
30
Climatic Test :
ITEM
SPECIFICATION
TEST CONDITIONS / TEST METHODS


Similar Part No. - SCI1008S-24NKF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008S-24NF SUPERWORLD-SCI1008S-24NF Datasheet
282Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI1008S-24NF SUPERWORLD-SCI1008S-24NF Datasheet
225Kb / 5P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008S-24NKF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com