Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI0805S-27NGF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0805S-27NGF
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805S-27NGF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0805S-27NGF Datasheet HTML 1Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 2Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 3Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 4Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 5Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 6Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 7Page - Superworld Electronics SCI0805S-27NGF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0805S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.06.2010
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
Available
Tolerance
SCI0805S-33N F
SCI0805S-91N F
SCI0805S-82N F
SCI0805S-68N F
SCI0805S-56N F
SCI0805S-39N F
SCI0805S-43N F
SCI0805S-36N F
SCI0805S-47N F
K, J
SCI0805S-8N2 F
SCI0805S-18N F
SCI0805S-22N F
SCI0805S-27N F
SCI0805S-24N F
SCI0805S-10N F
SCI0805S-15N F
SCI0805S-12N F
K, J
SCI0805S-3N3 F
SCI0805S-6N8 F
SCI0805S-5N6 F
SCI0805S-7N5 F
K, J
K, J
K, J
SCI0805S-2N8 F
SCI0805S-3N0 F
Part No.
K, J
K, J
Q Test
IDC
DCR
SRF
Q
Test
L
500
500
0.270
2050
60
250
33
200
60
47
150
200
200
150
91
56
68
82
65
60
65
60
200
250
250
43
39
36
60
60
55
500
0.310
1650
1200
1450
1300
1550
500
500
500
500
0.480
0.380
0.420
0.340
1650
2000
1700
500
500
500
0.340
0.290
0.270
500
500
400
500
400
500
500
500
1000
0.120
4700
50
250
8.2
50
250
18
250
250
250
22
24
27
55
50
55
250
250
250
10
15
12
60
50
50
500
0.200
3300
2600
2000
2500
500
500
500
0.220
0.220
0.250
4200
3400
4000
500
500
500
0.100
0.170
0.150
50
250
3.3
250
250
250
5.6
7.5
6.8
65
50
50
250
250
Freq
( MHz )
3.0
2.8
( nH )
65
80
Min.
1500
0.080
6000
4500
5500
5500
1000
1000
1000
0.080
0.140
0.110
7900
7900
( MHz )
Min.
1500
( MHz )
Freq
1500
0.060
0.060
Max.
(
)
600
600
500
500
500
600
600
600
600
600
600
600
800
800
( mA )
Max.
K, J, G
SCI0805S-72N F
150
72
65
1400
500
0.400
500
K, J
SCI0805S-8N7 F
1000
0.210
3900
50
250
8.7
400


Similar Part No. - SCI0805S-27NGF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805S-27NF SUPERWORLD-SCI0805S-27NF Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0805S-27NF SUPERWORLD-SCI0805S-27NF Datasheet
225Kb / 5P
   WOREWPIMD CHIP INDUCTORS
More results

Similar Description - SCI0805S-27NGF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com