Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI1008S-24NGF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SCI1008S-24NGF
Description  WIREWOUND CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-24NGF Datasheet(HTML) 5 Page - Superworld Electronics

  SCI1008S-24NGF Datasheet HTML 1Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 2Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 3Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 4Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 5Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 6Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 7Page - Superworld Electronics SCI1008S-24NGF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
Cover tape only
(250mm min.)
0.23
0.23
0.23
0.23
0.23
0.23
J
Empty compartments
with cover tape (100mm min.)
Trailer (80mm min.)
Peel-off force should be in the range of 0.1N~0.7N at a peel-off speed of 300±10mm/min.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Top cover tape
Peel-off Force :
<10
°
Base tape
Peeling Direction
Leader/Trailer Tape :
Trailer End
SCI1008HQ
8
SCI1008S
8
SCI1008LP
8
SCI0805HQ
8
8
SCI0805S
SCI0805LP
8
Series
A
3.5
2.70
4
2.80
Leader End
1.75
2
2.00
3.5
3.5
3.5
3.5
3.5
2.70
4
2.70
4
1.85
4
2.80
2.80
2.30
4
1.85
1.80
4
BC
2.30
2.30
DE
1.75
2
1.75
2
1.75
2
2.00
1.50
1.45
G
2
1.75
1.75
2
F
1.45
0.90
H
22.06.2010
2000pcs / reel
2000pcs / reel
2000pcs / reel
2000pcs / reel
2000pcs / reel
2000pcs / reel
Qty
SCI0805S SERIES
H±0.05
Embossed Carrier Tape :
4±0.1
Dimension (unit: mm)
G±0.05
C±0.1
B±0.1
Ø1.5
Ø1.5
WIREWOUND CHIP INDUCTORS
J±0.05


Similar Part No. - SCI1008S-24NGF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008S-24NF SUPERWORLD-SCI1008S-24NF Datasheet
282Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI1008S-24NF SUPERWORLD-SCI1008S-24NF Datasheet
225Kb / 5P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008S-24NGF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com