Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHM119HJA Datasheet(PDF) 2 Page - Superworld Electronics

Part # SHM119HJA
Description  DIP POWER CHOKE COIL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SHM119HJA Datasheet(HTML) 2 Page - Superworld Electronics

  SHM119HJA Datasheet HTML 1Page - Superworld Electronics SHM119HJA Datasheet HTML 2Page - Superworld Electronics SHM119HJA Datasheet HTML 3Page - Superworld Electronics SHM119HJA Datasheet HTML 4Page - Superworld Electronics SHM119HJA Datasheet HTML 5Page - Superworld Electronics SHM119HJA Datasheet HTML 6Page - Superworld Electronics SHM119HJA Datasheet HTML 7Page - Superworld Electronics SHM119HJA Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
12.05.2010
±20% @ 0Adc
Inductance L ( uH )
0.45
0.30
6. ELECTRICAL CHARACTERISTICS :
SHM119HJA-R30MF
SHM119HJA-R45MF
Part No.
40
35
0
Irms
Max.
( A )
0.37
55
50
0.36
DCR
Isat
Max.
( A )
( m )
±8%
7. CHARACTERISTICS CURVES :
f) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
e) Isat (A) : Will cause L to drop approximately 30%
d) Irms (A) : Will cause an approximately temp. rise T < 40°C
a) Test Frequency : 100KHz/1.0V
b) Operating temp. : -25°C to +125°C
c) Ambient temp. : 20°C
5. GENERAL SPECIFICATION :
0
20
40
Min.
Q
1.00
1.20
SHM119HJA-1R2MF
SHM119HJA-1R0MF
40
0.90
36
30
32
40
0.76
40
0.68
SHM119HJA-R68MF
34
44
0.56
40
HMPI119HJA-Series
FREQUENCY(MHz)
R30
R45
R68
1R0
1R2
1R5
2R2
SHM119HJA Series
Inductance ( uH )
0.31
0.001
Frequency
( MHz )
0.05
0.1
0.3
0.5
0.8
1.0
R30
0.33
0.33
0.33
0.32
0.32
0.32
0.46
R45
0.48
0.48
0.48
0.48
0.48
0.47
0.67
R68
0.69
0.69
0.69
0.69
0.69
0.68
1.02
1R0
1.03
1.03
1.02
1.02
1.02
1.02
1.17
1R2
1.19
1.18
1.18
1.18
1.18
1.17
1.53
1R5
1.54
1.54
1.53
1.53
1.53
1.52
2.42
2R2
2.42
2.41
2.40
2.40
2.40
2.39
1.50
2.20
SHM119HJA-2R2MF
SHM119HJA-1R5MF
40
1.80
30
25
28
35
1.30
40
DIP POWER CHOKE COIL
SHM119HJA SERIES


Similar Part No. - SHM119HJA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM100 SSDI-SHM100 Datasheet
216Kb / 2P
   100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM100 SSDI-SHM100 Datasheet
83Kb / 2P
   HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
225Kb / 2P
   50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
SHM100SMS SSDI-SHM100SMS Datasheet
224Kb / 2P
   100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM119HJA

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM119HJA SUPERWORLD-SDM119HJA Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
SDM109HHA SUPERWORLD-SDM109HHA Datasheet
228Kb / 6P
   DIP POWER CHOKE COIL
SHM088HBA SUPERWORLD-SHM088HBA Datasheet
227Kb / 5P
   DIP POWER CHOKE COIL
SHM109HHA SUPERWORLD-SHM109HHA Datasheet
233Kb / 6P
   DIP POWER CHOKE COIL
SHM129HLA SUPERWORLD-SHM129HLA Datasheet
299Kb / 8P
   DIP POWER CHOKE COIL
SDM129HLA SUPERWORLD-SDM129HLA Datasheet
304Kb / 6P
   DIP POWER CHOKE COIL
SDM088HBA SUPERWORLD-SDM088HBA Datasheet
237Kb / 6P
   DIP POWER CHOKE COIL
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
   Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
   Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
   Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com