Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC1205-4R4YF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDC1205-4R4YF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1205-4R4YF Datasheet(HTML) 2 Page - Superworld Electronics

  SDC1205-4R4YF Datasheet HTML 1Page - Superworld Electronics SDC1205-4R4YF Datasheet HTML 2Page - Superworld Electronics SDC1205-4R4YF Datasheet HTML 3Page - Superworld Electronics SDC1205-4R4YF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDC1205 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
17.09.2009
SDC1205-331MF
SDC1205-151MF
SDC1205-181MF
SDC1205-221MF
SDC1205-271MF
SDC1205-820MF
SDC1205-121MF
SDC1205-101MF
SDC1205-680MF
SDC1205-390MF
SDC1205-470MF
SDC1205-330MF
SDC1205-560MF
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
47 ±20%
39 ±20%
33 ±20%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
0.690
0.68
0.460
0.510
0.290
0.400
0.80
0.75
1.00
0.90
0.170
0.230
0.140
0.160
1.30
1.10
1.50
1.40
0.120
0.110
0.075
0.068
1.80
1.70
2.10
2.00
SDC1205-220MF
SDC1205-270MF
SDC1205-150MF
SDC1205-180MF
SDC1205-100MF
SDC1205-7R5YF
SDC1205-5R8YF
SDC1205-120MF
Part No.
SDC1205-4R4YF
27 ±20%
22 ±20%
15 ±20%
18 ±20%
10 ±20%
12 ±20%
7.5 ±30%
5.8 ±30%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
Inductance
4.4 ±30%
( µH )
Frequency
Test
0.057
0.051
0.034
0.030
2.80
2.30
3.30
3.00
0.025
0.027
0.021
0.024
4.00
3.50
4.40
4.20
Max.
DCR
0.020
Max.
(
)
5.00
IDC
( A )
SDC1205-3R1YF
0.017
6.00
3.1 ±30%
220 ±20%
180 ±20%
120 ±20%
150 ±20%
100 ±20%
56 ±20%
82 ±20%
68 ±20%
270 ±20%
330 ±20%
( Hz )
8.00
1V / 100K
0.012
SDC1205-1R3YF
1.3 ±30%
2.1 ±30%
SDC1205-2R1YF
0.014
7.00
SDC1205-391MF
390 ±20%
1V / 1K
0.770
0.65
SDC1205-471MF
470 ±20%
1V / 1K
0.860
0.58
SDC1205-561MF
560 ±20%
1V / 1K
1.200
0.54
SDC1205-681MF
680 ±20%
1V / 1K
1.340
0.48
SDC1205-821MF
820 ±20%
1V / 1K
0.43
SDC1205-102MF
1000 ±20%
1V / 1K
1.530
0.40
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
0.036


Similar Part No. - SDC1205-4R4YF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1205-4R4YF SUPERWORLD-SDC1205-4R4YF Datasheet
232Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1205-4R4YF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com