Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1608-680MF-99 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDB1608-680MF-99
Description  SMD POWER INDUCTORS SDB1608
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1608-680MF-99 Datasheet(HTML) 1 Page - Superworld Electronics

  SDB1608-680MF-99 Datasheet HTML 1Page - Superworld Electronics SDB1608-680MF-99 Datasheet HTML 2Page - Superworld Electronics SDB1608-680MF-99 Datasheet HTML 3Page - Superworld Electronics SDB1608-680MF-99 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S D B 1 6 0 8 - 1 R 0 M F -
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
2.92 Max.
A
B
C
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) F : RoHS Compliant
SDB1608 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
18.10.2010
PCB Pattern
4.32 Ref.
DE
F
1.27 Ref.
1.02 Ref.
4.45 Max.
6.60 Max.
3.56 Ref.
1.40 Ref.
GH
I
4.06 Ref.
Unit:m/m
I
E
C
B
G
I
c) Operating temp. : -40°C to +85°C
5. GENERAL SPECIFICATION :
a) Ambient temp. : 20°C
b) Temp. rise : 40°C Max.
a
f
c
d
4. MATERIALS :
(a) Core : DR Ferrite Core
(c) Wire : Enamelled Copper Wire
(d) Base : Ceramic Base
(f) Ink : Bon Margue
(e) Adhesive : Epoxy
(b) Core : RI Ferrite Core
b
(f)
(f) 11 ~ 99 : Internal controlled number


Similar Part No. - SDB1608-680MF-99

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDB1608 SUPERWORLD-SDB1608 Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608100MZF SUPERWORLD-SDB1608100MZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608101KZF SUPERWORLD-SDB1608101KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608102KZF SUPERWORLD-SDB1608102KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608103KZF SUPERWORLD-SDB1608103KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDB1608-680MF-99

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com