Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1608-101KF-13 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDB1608-101KF-13
Description  SMD POWER INDUCTORS SDB1608
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1608-101KF-13 Datasheet(HTML) 3 Page - Superworld Electronics

  SDB1608-101KF-13 Datasheet HTML 1Page - Superworld Electronics SDB1608-101KF-13 Datasheet HTML 2Page - Superworld Electronics SDB1608-101KF-13 Datasheet HTML 3Page - Superworld Electronics SDB1608-101KF-13 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
18.10.2010
330
Direction of feed
32000
Q'TY (PCS)
13-16
2000
0.82
SDB1608
7-2. Quantity & G.W. per package
Q'TY (PCS)
SERIES
INNER : REEL
G.W. (Kg)
STYLE
17
36 x 36 x 40
G.W. (Kg)
OUTER : CARTON
SIZE (cm)
Tape leader
388mm Min.
13±1
2.5±0.5
Tape trailer
160mm Min.
Components
23±1
-0.00
+0.10
1.50
4±0.1
8
Cover tape
250mm Min.
7-1. Reel & Tape Dimension
7. PACKAGING INFORMATION : ( Unit : mm )
SMD POWER INDUCTORS
SDB1608 SERIES


Similar Part No. - SDB1608-101KF-13

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDB1608 SUPERWORLD-SDB1608 Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608100MZF SUPERWORLD-SDB1608100MZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608101KZF SUPERWORLD-SDB1608101KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608102KZF SUPERWORLD-SDB1608102KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
SDB1608103KZF SUPERWORLD-SDB1608103KZF Datasheet
468Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDB1608-101KF-13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com