Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB07034R7YZF-99 Datasheet(PDF) 6 Page - Superworld Electronics

Part # SPB07034R7YZF-99
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB07034R7YZF-99 Datasheet(HTML) 6 Page - Superworld Electronics

  SPB07034R7YZF-99 Datasheet HTML 1Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 2Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 3Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 4Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 5Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 6Page - Superworld Electronics SPB07034R7YZF-99 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TI
Type
TC
BC
Mtl Dsg
__
__
__
__
GUANGDONG CHINA
Coating Type
ANSI
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
20.07.2011
FLUX : ROSIN
WITH FRESH SOLDER.
85±2°C
30 MINUTES
-25±2°C
30 MINUTES
RESISTANCE TEST
HIGH TEMP.
APPLIED CURRENT : PER SPEC.
TIME : 500 HOURS
TEMPERATURE : 85±2°C
TIME : 500 HOURS
RESISTANCE TEST
HUMIDITY
THERMAL SHOCK
( TEMP. CYCLE )
TEST
HUMIDITY : 90 ~ 95%
TEMPERATURE : 40±2°C
APPLIED CURRENT : PER SPEC.
TOTAL : 50 CYCLES
15 MINUTES
INDUCTANCE SHALL
NOT CHANGE MORE
THAN ±20%
ROOM TEMP.
ROOM TEMP.
15 MINUTES
DIP TIME : 4±1 SECONDS
PREHEAT : 125±25°C FOR 60 SECONDS
SOLDER : 99%Sn/0.3%Ag/0.7%Cu OR EQUIVALENT
TEST CONDITION
9. RELIABILTY AND TEST CONDITION :
SOLDERABILITY
TEST ITEM
SHALL BE COVERED
TERMINAL ELECTRODE
MORE THAN 90% OF THE
SPECIFICATION
SOLDER TEMP. : 245±5°C
10. UL CARD :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB0703 SERIES


Similar Part No. - SPB07034R7YZF-99

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB0704 SUPERWORLD-SPB0704 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-11 SUPERWORLD-SPB0704100MZF-11 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-12 SUPERWORLD-SPB0704100MZF-12 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-13 SUPERWORLD-SPB0704100MZF-13 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
SPB0704100MZF-14 SUPERWORLD-SPB0704100MZF-14 Datasheet
746Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB07034R7YZF-99

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com