Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-16A1A Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRBC-16A1A
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16A1A Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRBC-16A1A_07 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 7Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 8Page - Bel Fuse Inc. SRBC-16A1A_07 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.0 Vdc/16 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo, set
3.63 V
Vo, set
> 3.63 V
8.3 V
8.3 V
12 V
12 V
14.0 V
13.2 V
Input Current (full load)
-
-
11 A
This power module is not internally fused.
An input line fuse must always be used.
Input Current (no load)
-
100 mA
-
Remote Off Input Current
-
2 mA
-
Input Reflected Ripple Current
(pk-pk)
-
70 mA
200 mA
Input Reflected Ripple Current
(rms)
-
-
150 mA
Tested with one 1000 uF/25 V AL input
capacitor with ESR=0.03 ohm max and 6
× 47 uF/16 V tantalum capacitors with
ESR=0.013 ohm max at 100 kHz, &
simulated source impedance of 1000 nH,
5 Hz to 20 MHz.
I
2t Inrush Current Transient
-
0.2 A
2s
0.4 A
2s
Turn-on Voltage Threshold
-
8.0 V
-
Turn-off Voltage Threshold
-
7.5 V
-
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2% Vo,set
-
2% Vo,set
Vin=12 V, full load
Load Regulation
-
0.1% Vo,set
-
Io=Io, min to Io, max
Line Regulation
-
0.1% Vo,set
-
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to+85 °C)
-
0.3% Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0 A
-
16 A
Current Limit Threshold
-
180% Io,out
-
Short Circuit Surge Transient
-
1 A
2s
3 A
2s
Ripple and Noise (pk-pk)
-
75 mV
100 mV
Ripple and Noise (rms)
-
30 mV
45 mV
Tested with 0-20 MHz, 10 uF
tantalum capacitor & 1 uF TDK
ceramic capacitor at the output
Turn on Time
-
6 mS
10 mS
Overshoot at Turn on
-
-
1% Vo,set
Output Capacitance
ESR
≥ 10 mohm
0 uF
-
5000 uF
Transient Response
50% ~ 100% Max Load
-
100 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
100 mV
-
Settling Time
VO=0.75 V -
5.0 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=12 V; and
with 2 × 150 uF polymer
capacitors at the output
Note
: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.


Similar Part No. - SRBC-16A1A_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16A1A0 BEL-SRBC-16A1A0 Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A1AL BEL-SRBC-16A1AL Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
More results

Similar Description - SRBC-16A1A_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com