Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB1207150MZF-20 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPB1207150MZF-20
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB1207150MZF-20 Datasheet(HTML) 2 Page - Superworld Electronics

  SPB1207150MZF-20 Datasheet HTML 1Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 2Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 3Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 4Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 5Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 6Page - Superworld Electronics SPB1207150MZF-20 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
c) Hi-Pot (N1-N2) : 200Vac / 3mA / 1sec
b) Temp. Rise : 40°C Typ. at Irms
a) L/L0A : 30% Typ. at Isat
PG. 2
d) Operating temp. : -40°C to +125°C
e) Storage temp. : -40°C to +125°C
17.12.2010
f) Resistance to solder heat : 260°C.10secs
6. ELECTRICAL CHARACTERISTICS :
2.200
SPB12072R2YZF-
100.000
82.000
220.000
1000.00
680.000
820.000
470.000
330.000
150.000
SPB12073R3YZF-
22.000
68.000
47.000
33.000
6.800
10.000
15.000
8.200
4.500
3.300
Inductance
Part No.
1.000
1.500
0.500
( µH )
Ref.
Test
0.25V/100K
Frequency
( Hz )
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
2.027
99.310
79.750
221.50
1005.0
676.70
818.10
467.10
323.60
144.90
22.930
66.480
47.050
33.920
7.387
10.470
14.090
8.861
4.380
2.831
0.821
1.357
0.520
Inductance
( µH )
Ref.
0.0127
0.1630
0.1430
0.3760
1.6600
1.0800
1.4700
0.8610
0.5740
0.2470
0.0391
0.1050
0.0719
0.0600
0.0206
0.0238
0.0301
0.0223
0.0169
0.0138
0.0085
0.0106
0.0058
RDC
(
)
Max.
16.00
2.56
2.75
1.64
0.75
0.93
0.86
1.17
1.40
2.10
5.25
2.95
3.50
4.15
9.70
7.50
6.00
8.50
11.80
14.00
24.00
19.00
35.00
Isat
( A )
8.30
1.96
2.09
1.29
0.61
0.76
0.65
0.85
1.04
1.59
4.00
2.44
2.95
3.23
5.50
5.20
4.30
5.30
6.50
8.30
10.00
8.60
13.50
Irms
( A )
Parallel
8.108
397.200
319.000
886.000
4637.333
2707.000
3272.000
1868.000
1294.000
579.600
91.720
265.900
188.200
135.700
29.550
41.880
56.360
35.440
17.520
11.320
3.284
5.428
1.900
Inductance
( µH )
Ref.
0.0522
0.6530
0.5730
1.5000
6.6400
4.3200
3.4400
2.3000
0.9890
0.1570
0.4210
0.2880
0.2410
0.0899
0.1016
0.1258
0.0949
0.0697
0.0570
0.0374
0.4500
0.0260
RDC
(
)
Max.
7.60
1.28
1.40
0.84
0.35
0.43
0.41
0.55
0.72
1.05
2.60
1.50
1.80
2.10
4.70
3.80
2.95
4.15
5.90
7.20
12.00
9.20
18.00
Isat
( A )
4.150
0.980
1.040
0.645
0.307
0.380
0.325
0.427
0.522
0.796
2.000
1.220
1.470
1.610
2.750
2.600
2.150
2.650
3.250
4.150
5.000
4.300
6.720
Irms
( A )
Series
5.8800
SPB12071R0YZF-
SPB1207R50YZF-
SPB12071R5YZF-
SPB12074R5YZF-
SPB12076R8YZF-
SPB12078R2YZF-
SPB1207100MZF-
SPB1207150MZF-
SPB1207220MZF-
SPB1207330MZF-
SPB1207470MZF-
SPB1207680MZF-
SPB1207820MZF-
SPB1207101MZF-
SPB1207151MZF-
SPB1207221MZF-
SPB1207331MZF-
SPB1207471MZF-
SPB1207681MZF-
SPB1207821MZF-
SPB1207102MZF-
Tolerance code : M = ±20%
Y = ±30%
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTORS
SPB1207 SERIES


Similar Part No. - SPB1207150MZF-20

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB1205 SUPERWORLD-SPB1205 Datasheet
716Kb / 7P
   SMD POWER INDUCTORS
SPB1205100YZF-11 SUPERWORLD-SPB1205100YZF-11 Datasheet
716Kb / 7P
   SMD POWER INDUCTORS
SPB1205100YZF-12 SUPERWORLD-SPB1205100YZF-12 Datasheet
716Kb / 7P
   SMD POWER INDUCTORS
SPB1205100YZF-13 SUPERWORLD-SPB1205100YZF-13 Datasheet
716Kb / 7P
   SMD POWER INDUCTORS
SPB1205100YZF-14 SUPERWORLD-SPB1205100YZF-14 Datasheet
716Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB1207150MZF-20

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com