Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRSB-50T12C Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRSB-50T12C
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRSB-50T12C Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRSB-50T12C Datasheet HTML 1Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 2Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 3Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 4Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 5Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 6Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 7Page - Bel Fuse Inc. SRSB-50T12C Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input,
12 Vdc/5 A Output
Apr. 29, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Short Circuit Surge Transient
-
0.5
1
A
2s
Turn on Time
-
35
70
mS
Overshoot at Turn on
-
0
5
%
Output Capacitance
22
-
470
uF
Transient Response
Overshoot
-
400
650
mV
V
25%~50%
of Max Load
Settling Time
-
150
300
uS
Overshoot
-
400
650
mV
V
50%~25%
of Max Load
Settling Time
Vo=
12 V
-
150
300
uS
di/dt=0.1A/us, Vin=48Vdc, Ta=25°C,
with a 1µF ceramic capacitor and
the minimum external Tantalum cap
at output.
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86
89
-
%
Vin=48 V, full load.
Switching Frequency
-
600
-
kHz
Over Temperature Protection
-
125
-
The OTP threshold is set at 125°C
in non-latch mode, and the module
will restart automatically when
temperature falls down to 115°C.
Over Voltage Protection (Static)
-
130
160
%
This voltage is achieved by trimming
up output slowly.
Weight
-
TBD
-
g
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.300 x 0.900 x 0.364
33.02 x 22.86 x 9.24
-
Isolation characteristics
Input to Output
-
-
1500
V
Isolation Resistance
10M
-
-
Ohm
Isolation Capacitance
-
3900
-
pF
Note: All specifications are typical at 25 C unless otherwise stated.


Similar Part No. - SRSB-50T12C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRSB-50T03C BEL-SRSB-50T03C Datasheet
318Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRSB-50T12C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com