Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z7K151-RR-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z7K151-RR-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z7K151-RR-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z7K151-RR-10 Datasheet HTML 1Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 2Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 3Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 4Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 5Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 6Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 7Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 8Page - Superworld Electronics Z7K151-RR-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP BEADS
Z7 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
04.07.2008
6. ELECTRICAL CHARACTERISTICS :
Z7M132-RN-10
Z7H132-RN-10
Z7H681-RP-10
Z7K151-RR-10
Z7K131-RN-10
Z7K800-RT-10
Part Number
1300 ±25%
680 ±25%
1300 ±25%
130 ±25%
150 ±25%
80 ±25%
Impedance
1812
1812
1812
1812
1812
1812
Size
EIA
(
)
DC Resistance
100
100
60
100
100
( MHz )
Frequency
Test
100
0.04
0.06
0.06
0.03
0.02
Max.
(
)
0.01
3000
3000
4000
5000
3000
6000
Max.
( mA )
Rated Current


Similar Part No. - Z7K151-RR-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K151-RR-10 SUPERWORLD-Z7K151-RR-10 Datasheet
182Kb / 7P
   FERRITE CHIP BEADS
More results

Similar Description - Z7K151-RR-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com