Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB1205680YZF-13 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPB1205680YZF-13
Description  SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPB1205680YZF-13 Datasheet(HTML) 1 Page - Superworld Electronics

  SPB1205680YZF-13 Datasheet HTML 1Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 2Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 3Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 4Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 5Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 6Page - Superworld Electronics SPB1205680YZF-13 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
A
B
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Base : LCP-E4008
(d) Wire : Enamelled Copper Wire
(e) Tape : #560S
3. SCHEMATIC :
PG. 1
PCB Pattern
6.00 Max.
CD
5.00 Ref.
12.5±0.3
12.5±0.3
7.6 Ref.
EF
2.20 Ref.
Unit:m/m
(f) Terminal : Tinned Copper Plate
(b) Core : RI Ferrite Core
(g) Adhesive : Epoxy Resin
f
c
d
a
g
e
b
F
E
A
C
1.70 Ref.
D1
h
(h) Ink : Bon Marque
SMD POWER INDUCTORS
S P B 1 2 0 5 1 0 0 Y Z F -
(a)
(c)
(b)
(e)
(d)
(b) Dimension code
(c) Inductance code : 100 = 10uH
(a) Series code
(e) Z : Standard part
(f) F : RoHS Compliant
(g) 11 ~ 99 : Internal controlled number
(d) Tolerance code : M = ±20%, Y = ±30%
2
1
3
4
2.8
2.8
1
4
2
( Parallel )
N1
"
" Polarity
17.12.2010
N2
N1
SPB1205 SERIES
7.0
3
1
4
2
3
N2
( Series )
N2
N1
1
4
2
3
White dot on Pin 1 side
NOTE : Specifications subject to change without notice. Please check our website for latest information.
(g)
(f)


Similar Part No. - SPB1205680YZF-13

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPB1207 SUPERWORLD-SPB1207 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-11 SUPERWORLD-SPB1207100MZF-11 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-20 SUPERWORLD-SPB1207100MZF-20 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-30 SUPERWORLD-SPB1207100MZF-30 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
SPB1207100MZF-40 SUPERWORLD-SPB1207100MZF-40 Datasheet
789Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SPB1205680YZF-13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com