Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA1127DA-24N Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FMA1127DA-24N
Description  Touch Sensor Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FMA1127DA-24N Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FMA1127DA-24N Datasheet HTML 1Page - Fujitsu Component Limited. FMA1127DA-24N Datasheet HTML 2Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Touch Sensor Controller
Ordering Information
Number of
Number of
Product Code
Package Type
Package Dimensions
Pin Pitch
Sensor Inputs
Digital Outputs
FMA1127DA-40N
40QFN
5mm x 5mm x 0.85mm
0.4mm
12
12
FMA1127DA-32N
32QFN
4mm x 4mm x 0.85mm
0.4mm
9
8
FMA1127DA-24N
24QFN
4mm x 4mm x 0.85mm
0.5mm
6
3
FMA1127DA-30S
30SSOP
12.7mm x 10.3mm x 2.5mm
0.8mm
12
6
FMA1127DA-24S
24SSOP
8.2mm x 7.8mm x 2.0mm
0.65mm
9
3
FMA1127DA-20S
20SSOP
6.5mm x 6.4mm x 1.85mm
0.65mm
6
2
Applications
• Portable devices such as PDAs, cellular phones, MP3 players,
remote controllers, and other integrated input
• Home appliances and consumer electronic products
• Computer input devices such as mice and keyboards
Specifications
• Wide voltage range of 2.5V to 5.5V
• Current < 0.15mA
• Response time as fast as 0.2msec
• Recommended operating temperature: -35°C to +85°C
• No ground is required for touch pad
• Water resistant
•I2C Interface
• Flexibility to choose digital I/O from 12/8/6/3/2 each and
sensor inputs 12/9/6 each based on package
• Automatically adjusts sensor sensitivity to cope with various
operating environments
• No external clock source is required
• Supports idle and sleep/suspension modes for power saving
• Extra ESD protection (8kV for chip/contact and 15kV for
system/air)
• RoHS compliant (lead-free package)
FUJITSU MICROELECTRONICS AMERICA, INC.
Corporate Headquarters
1250 E. Arques Avenue, M/S 333, Sunnyvale, CA 94085-5401
Tel: (800) 866-8608 Fax: (408) 737-5999
E-mail: inquiry@fma.fujitsu.com Web Site: http://us.fujitsu.com/micro
© 2009 Fujitsu Microelectronics America, Inc.
All company and product names are trademarks or
registered trademarks of their respective owners.
Printed in the U.S.A. TSC-FS-21348-02/2009


Similar Part No. - FMA1127DA-24N

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA11A ROHM-FMA11A Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
More results

Similar Description - FMA1127DA-24N

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPT1000A GENERALPLUS-GPT1000A Datasheet
676Kb / 25P
   General Touch Sensor Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
   Capacitive Touch Sensor Controller
Revised May. 26, 2021
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
   Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
   Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
   Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
ILI2511 ETC-ILI2511 Datasheet
571Kb / 18P
   Single Chip Capacitive Touch Sensor Controller
V1.05 2016/11/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com