Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB81EDS516545 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB81EDS516545
Description  512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB81EDS516545 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB81EDS516545_10 Datasheet HTML 7Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 8Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 9Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 10Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 11Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 12Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 13Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 14Page - Fujitsu Component Limited. MB81EDS516545_10 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
MB81EDS516545
DS05-11463-2E
11
3.
Burst Length (BL)
Burst Length (BL) is the number of word to be read or write as the result of a single READ or WRITE command.
It can be set on 2, 4, 8, 16 words boundary through Mode Register. The burst type is sequential that is incremental
decoding scheme within a boundary address to be determined by burst length. Device internal address counter
assigns +1 to the previous address until reaching the end of boundary address and then wrap round to least
significant address (
= 0).
Burst
Length
Starting Column Address
Burst Address Sequence
(Hexadecimal)
A3
A2
A1
A0
2
XXX
0
0 - 1
XXX
1
1 - 0
4
X
X
0
0
0 - 1 - 2 - 3
X
X
0
1
1 - 2 - 3 - 0
X
X
1
0
2 - 3 - 0 - 1
X
X
1
1
3 - 0 - 1 - 2
8
X
0
0
0
0 - 1 - 2 - 3 - 4 - 5 - 6 - 7
X
0
0
1
1 - 2 - 3 - 4 - 5 - 6 - 7 - 0
X
0
1
0
2 - 3 - 4 - 5 - 6 - 7 - 0 - 1
X
0
1
1
3 - 4 - 5 - 6 - 7 - 0 - 1 - 2
X
1
0
0
4 - 5 - 6 - 7 - 0 - 1 - 2 - 3
X
1
0
1
5 - 6 - 7 - 0 - 1 - 2 - 3 - 4
X
1
1
0
6 - 7 - 0 - 1 - 2 - 3 - 4 - 5
X
1
1
1
7 - 0 - 1 - 2 - 3 - 4 - 5 - 6
16
0000
0-1-2-3-4-5-6-7-8-9-A-B-C-D-E-F
0001
1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-0
0010
2-3-4-5-6-7-8-9-A-B-C-D-E-F-0-1
0011
3-4-5-6-7-8-9-A-B-C-D-E-F-0-1-2
0100
4-5-6-7-8-9-A-B-C-D-E-F-0-1-2-3
0101
5-6-7-8-9-A-B-C-D-E-F-0-1-2-3-4
0110
6-7-8-9-A-B-C-D-E-F-0-1-2-3-4-5
0111
7-8-9-A-B-C-D-E-F-0-1-2-3-4-5-6
1000
8-9-A-B-C-D-E-F-0-1-2-3-4-5-6-7
1001
9-A-B-C-D-E-F-0-1-2-3-4-5-6-7-8
1010
A-B-C-D-E-F-0-1-2-3-4-5-6-7-8-9
1011
B-C-D-E-F-0-1-2-3-4-5-6-7-8-9-A
1100
C-D-E-F-0-1-2-3-4-5-6-7-8-9-A-B
1101
D-E-F-0-1-2-3-4-5-6-7-8-9-A-B-C
1110
E-F-0-1-2-3-4-5-6-7-8-9-A-B-C-D
1111
F-0-1-2-3-4-5-6-7-8-9-A-B-C-D-E


Similar Part No. - MB81EDS516545_10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
More results

Similar Description - MB81EDS516545_10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81EDS516445 FUJITSU-MB81EDS516445 Datasheet
403Kb / 52P
   512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS256445 FUJITSU-MB81EDS256445 Datasheet
398Kb / 52P
   MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81ES653225-12 FUJITSU-MB81ES653225-12 Datasheet
485Kb / 10P
   Consumer/Embedded Application Specific Memory for SiP
MB81ES123245-10 FUJITSU-MB81ES123245-10 Datasheet
195Kb / 42P
   128 M-BIT (4-BANK 횞 1 M-WORD 횞 32-BIT) SINGLE DATA RATE I/F FCRAM Consumer/Embedded Application Specific Memory for SiP
logo
OKI electronic componet...
MR27T3202F OKI-MR27T3202F Datasheet
134Kb / 10P
   2M-Word x 16-Bit or 4M-Word x 8-Bit
MR27T1602L OKI-MR27T1602L Datasheet
92Kb / 9P
   1M-Word x 16-Bit or 2M-Word x 8-Bit
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com