Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI565050-390JF-55 Datasheet(PDF) 6 Page - Superworld Electronics

Part # WI565050-390JF-55
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI565050-390JF-55 Datasheet(HTML) 6 Page - Superworld Electronics

  WI565050-390JF-55 Datasheet HTML 1Page - Superworld Electronics WI565050-390JF-55 Datasheet HTML 2Page - Superworld Electronics WI565050-390JF-55 Datasheet HTML 3Page - Superworld Electronics WI565050-390JF-55 Datasheet HTML 4Page - Superworld Electronics WI565050-390JF-55 Datasheet HTML 5Page - Superworld Electronics WI565050-390JF-55 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
WI565050 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
25.10.2010
MOLDED WIREWOUND CHIP INDUCTORS
330
Cover tape
250mm Min.
Direction of feed
INNER : REEL
G.W. (Kg)
0.76
1000
WI565050
SERIES
Q'TY (PCS)
8-2. Quantity & G.W. per package
14
36 x 36 x 40
16000
SIZE (cm)
OUTER : CARTON
Q'TY (PCS)
G.W. (Kg)
12
Components
Tape trailer
160mm Min.
Tape leader
388mm Min.
1.50 -0.00
+0.10
23±1
4±0.1
13±1
2.5±0.5
8. PACKAGING INFORMATION : ( Unit : mm )
8-1. Reel & Tape Dimension


Similar Part No. - WI565050-390JF-55

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI565050-390F SUPERWORLD-WI565050-390F Datasheet
253Kb / 5P
   Wire Wound Inductor
WI565050-390KF SUPERWORLD-WI565050-390KF Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI565050-390JF-55

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com