Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N010-0554-T347 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # N010-0554-T347
Description  STANDARD Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0554-T347 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  N010-0554-T347 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0554-T347 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
554 SERIES
n
5.3 ELECTRICAL
Rated Voltage:
DC 7V max.
Resistance X axis:
300 to 850 Ω (at the connector)
Resistance Y axis:
100 to 600 Ω (at the connector)
Switch Bounce (Chattering): 20ms min when using the silicon rubber measurement rod
Insulation resistance:
10MΩ minimum at 25KV DC
Dielectric Strength:
No problems when at 25KV DC for 1 minute
Linearity:
2% max.
Note 1:
Measurement condition of linearity is corrected within the
control IC. In general the location accuracy is specified
as follows:
Actual co-ordinate point - theoretical co-ordinate point
= location accuracy.
In general a 9 point co-ordinate calibration system is used
to adjust the micro controller accuracy. (20 point can be
used in combination with an EEPROM design).
n
5.4 ENVIRONMENTAL
Operating Temperature (*):
-5˚C to 60˚C
Storage Temperature:
-20˚C to 70˚C
Operating Humidity:
20% to 85% RH with a Maximum wet bulb temperature of 38˚C
Storage Humidity:
10% to 90% RH with a Maximum wet bulb temperature of 38˚C
Chemical Resistance:
Coating with the following chemicals and storing at room temperature for 2
hours gives no problems. 10% NaCl-water solution, ethyl-acetate, ethyl-
alcohol, toluene, methyl-ethyl-ketone
Low Air Pressure:
No issues down to 0.5 x Normal Air pressure
n
5.5 PEN LIFE
Note taking life:
100,000 words minimum
Input life :
1,000,000 times minimum
Note 1:
Words are written in the notes area and the size of the word is
7.5mm x 6.75mm. A word is any Alphabet / Number / Mark.
The pen is as shown below and applies a force of 250g.
A failure is judged to happen when the current consumption or
insulation resistance or dielectric strength are not met as
shown in 5.3. The location accuracy with 9 point calibration
must be ±4.4 mm max.
10mm
Notes
Effective input area
3.5
9.0
1.0
110.0±1.0
3.0
1.5
R 0.8
Distance
Theoretical
Actual
Error


Similar Part No. - N010-0554-T347

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0550-T345 FUJITSU-N010-0550-T345 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
N010-0550-T511 FUJITSU-N010-0550-T511 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
More results

Similar Description - N010-0554-T347

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com