Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R1001A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB85R1001A
Description  Memory FRAM CMOS 1 M Bit (128 K x 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1001A Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB85R1001A Datasheet HTML 1Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 2Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 3Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 4Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 5Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 6Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 7Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MB85R1001A
DS501-00003-0v01-E
5
■ ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
(within recommended operating conditions)
*1 : During the measurement of ICC, the Address, Data In were taken to only change once per active cycle.
Iout: output current
*2 : All pins other than setting pins should be input at the CMOS level voltages such as H
≥ VCC − 0.2 V, L ≤ 0.2 V.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Leakage Current
|ILI|
VIN = 0 V to VCC
⎯⎯
TBD
μA
Output Leakage Current
|ILO|
VOUT
= 0 V to VCC,
CE1
= VIH or OE = VIH
⎯⎯
TBD
μA
Operating Power Supply
Current
ICC
CE1
= 0.2 V, CE2 = VCC−0.2 V,
Iout
= 0 mA*1
TBD
TBD
mA
Standby Current
ISB
CE1
≥ VCC−0.2 V
TBD
TBD
μA
CE2
≤ 0.2 V*2
OE
≥ VCC−0.2 V, WE ≥ VCC−0.2 V*2
High Level Output Voltage
VOH
IOH
= −1.0 mA
VCC
×
0.8
⎯⎯
V
Low Level Output Voltage
VOL
IOL
= 2.0 mA
⎯⎯
0.4
V


Similar Part No. - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (128 K 횞 8)
More results

Similar Description - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com