Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R1001A Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB85R1001A
Description  Memory FRAM CMOS 1 M Bit (128 K x 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R1001A Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB85R1001A Datasheet HTML 6Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 7Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 8Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 9Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 10Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 11Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 12Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 13Page - Fujitsu Component Limited. MB85R1001A Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MB85R1001A
10
DS501-00003-0v01-E
■ POWER ON/OFF SEQUENCE
(within recommended operating conditions)
■ NOTES ON USE
After the IR reflow completed, it is not guaranteed to save the data written prior to the IR reflow.
Parameter
Symbol
Value
Unit
Min
Typ
Max
CE1 level hold time for Power OFF
tpd
85
⎯⎯
ns
CE1 level hold time for Power ON
tpu
85
⎯⎯
ns
Power supply rising time
tr
0.05
200
ms
CE1 > VCC
× 0.8*
CE1 : Don't Care
CE1 > VCC
× 0.8*
tpu
tr
tpd
VCC
CE2
3.0 V
1.0 V
VIH (Min)
VIL (Max)
0 V
CE1
CE1
VCC
CE2
3.0 V
1.0 V
VIH (Min)
VIL (Max)
0 V
* : CE1 (Max) < VCC
+ 0.5 V
Notes: • Use either of CE1 or CE2, or both for disable control of the device.
• Because turning the power-on from an intermediate level cause malfunction, when the
power is turned on, VCC is required to be started from 0 V.
• If the device does not operate within the specified conditions of read cycle, write cycle,
power on/off sequence, memory data can not be guaranteed.
• When turning the power on or off, it is recommended that CE2 is connected to ground to
prevent unexpected writing.
CE2
≤ 0.2 V


Similar Part No. - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (128 K 횞 8)
More results

Similar Description - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
   Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
   Memory FRAM CMOS 1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com