Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS128A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB85RS128A
Description  Memory FRAM 128K (16 K x 8) Bit SPI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS128A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB85RS128A Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS128A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MB85RS128A
4
DS501-00008-0v01-E
■ SPI MODE
MB85RS128A corresponds to the SPI mode 0 (CPOL
= 0, CPHA = 0) , and SPI mode 3 (CPOL = 1, CPHA = 1) .
SCK
SI
CS
SCK
SI
CS
76543210
76543210
MSB
LSB
MSB
LSB
SPI Mode 0
SPI Mode 3


Similar Part No. - MB85RS128A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS128B FUJITSU-MB85RS128B Datasheet
303Kb / 32P
   128 K (16 K횞8) ?볝긿?늆PI
More results

Similar Description - MB85RS128A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1002A FUJITSU-MB85R1002A Datasheet
206Kb / 16P
   Memory FRAM CMOS 1 M Bit (64 K x 16)
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com