Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC Datasheet(PDF) 1 Page - HolyStone International

Part # SMC
Description  Stacked MLCC Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

SMC Datasheet(HTML) 1 Page - HolyStone International

  SMC Datasheet HTML 1Page - HolyStone International SMC Datasheet HTML 2Page - HolyStone International SMC Datasheet HTML 3Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Summary of Specifications
Operating Temperature
-55 to +125
Rated Voltage
50Vdc to 1000Vdc
Temperature Coefficient of
Capacitance
NPO :
± 30ppm/
℃ ,-55to+125℃(EIAClassΙ)
X7R :
± 15%
, -55 to +125
℃(EIAClassⅡ)
Capacitance Range
NPO: 1.0nF to 400nF
X7R : 27nF to 34uF
Dissipation Factor
NPO : Q
≧1000at1KHz
X7R : 2.5%max. at 1KHz
Insulation Resistance
10G
Ω or 500/C Ω whichever is smaller
Aging
NPO : 0% , X7R : 2.5% per decade of time
Dielectric Withstand Voltage
V
≤50V
; 250% Rated Voltage
100V
≤ V <500V ; 200% Rated Voltage
500V
≤ V <1KV ; 150% Rated Voltage
1000V = 120% Rated Voltage
Tolerance
± 1% & ± 2% tolerances are only available in NPO
 Stacked designs offer the high capacitance similar
to tantalum but with the advantage of very low ESR.
 ‘J’, ‘L’ and ‘N’ leaded configurations provide
mechanical and thermal stress relief.
 Capacitance values up to 34µF
 Voltages from 50V to 1000V.
 Available in NP0 and X7R dielectrics.
 HIREL screening available.
 RoHS compliant.
 Power supplies
 DC-DC converters
 Surge protection
 Industrial control circuits
 Snubbers
 Filtering, smoothing and decoupling applications
 HIREL applications
 Custom applications
 Features
 Application
- 32 -
SMC Series
Stacked MLCC Capacitors
SMC Series - Stacked MLCC Capacitors
SMC
49
J
X
224
K
501
Product Code
SMC:
Commercial Size
Switchmode Stack
Capacitor
Stack and
Size
The first digit :
# of chips in
stack
Second Digit:
Chip Size
5 : 1210
6 : 1812
7 : 2220
8 : 1825
9 : 2225
Lead
Configuration
Ex.:
J : J Lead for
h=0.070”
L : L Lead for
h=0.070”
N : Straight Lead
P : J Lead for
h=0.045”
S : L Lead for
h=0.045”
Material
Ex.:
N : NPO
X : X7R
Capacitance
(pF)
Ex.:
103 : 10x103
224 : 22x104
475 : 47x105
Tolerance
Ex.:
F : +/-1.0%
G : +/-2.0%
J : +/-5.0%
K : +/- 10%
M : +/- 20%
Rated Voltage
Ex.:
050 : 50Vdc
101 : 100Vdc
201 : 200Vdc
501 : 500Vdc
102 : 1000Vdc
Packaging
Ex.:
T : Tape &
Reel
W : Waffle
pack
Special test
Requirement
Ex.:
S : Standard
electrical test
H : Hi-Rel
Testing
Special
Requirement
Blank :
No special
requirement
01~99 :
Customer
special
requirement
How To Order
T
H
01


Similar Part No. - SMC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Formosa MS
SMC FORMOSA-SMC Datasheet
52Kb / 1P
   Case No. SMC Device
logo
Diodes Incorporated
SMC DIODES-SMC Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Leshan Radio Company
SMC LRC-SMC Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
Digitron Semiconductors
SMC DIGITRON-SMC Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMC

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
   High Capacitance Stacked Capacitors
02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
   High Capacitance Stacked Capacitors
02/21
CSSERIES EXXELIA-CSSERIES Datasheet
811Kb / 18P
   High Voltage Stacked Capacitors
Page revised 02/21
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
   High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
   High Capacitance Molded Stacked Capacitors
revised 02/21
logo
Unisonic Technologies
LR2965G-XX-SH2-R UTC-LR2965G-XX-SH2-R Datasheet
174Kb / 5P
   Compatible with MLCC Capacitors
logo
HolyStone International
DSC HOLYSTONECAPS-DSC Datasheet
279Kb / 7P
   Large Size Stacked Capacitors-87106 Style
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
   RoHS Compliant SMPS Stacked MLC Capacitors
logo
Cornell Dubilier Electr...
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
logo
RCD COMPONENTS INC.
CE1206-R50-F RCD-CE1206-R50-F Datasheet
55Kb / 1P
   MULTILAYER CERAMIC CHIP (MLCC) CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com