Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCRE0J157M Datasheet(PDF) 2 Page - HolyStone International

Part # TMCRE0J157M
Description  TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCRE0J157M Datasheet(HTML) 2 Page - HolyStone International

  TMCRE0J157M Datasheet HTML 1Page - HolyStone International TMCRE0J157M Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
146
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
Rated voltage
Capacitance
tan
δ
Leakage current
Case
Product name
ESR (100kHz)
Maximum permissible ripple current (20°C 100kHz)
V. DC
µF
µA
code
mArms
6.3
10
0.06
0.6
B
TMCRB0J106M
0.70
370
15
0.06
0.9
B
TMCRB0J156M
0.60
400
22
0.06
1.4
B
TMCRB0J226M
0.50
440
33
0.06
2.1
C
TMCRC0J336M
0.35
530
47
0.06
3.0
C
TMCRC0J476M
0.35
530
68
0.06
4.3
E
TMCRE0J686M
0.20
770
100
0.08
6.3
E
TMCRE0J107M
0.15
890
150
0.08
9.5
E
TMCRE0J157M
0.10
1100
220
0.10
13.9
E
TMCRE0J227M
0.10
1100
330
0.15
20.8
E
TMCRE0J337M
0.10
1100
10
10
0.06
1.0
B
TMCRB1A106M
0.70
370
15
0.06
1.5
B
TMCRB1A156M
0.60
400
22
0.06
2.2
C
TMCRC1A226M
0.50
440
33
0.06
3.3
C
TMCRC1A336M
0.35
530
47
0.06
4.7
E
TMCRE1A476M
0.25
690
68
0.06
6.8
E
TMCRE1A686M
0.20
770
100
0.08
10.0
E
TMCRE1A107M
0.10
1100
150
0.08
15.0
E
TMCRE1A157M
0.10
1100
220
0.10
22.0
E
TMCRE1A227M
0.10
1100
330
0.30
33.0
E
TMCRE1A337M
0.15
890
16
10
0.06
1.6
B
TMCRB1C106M
0.60
400
15
0.06
2.4
C
TMCRC1C156M
0.50
440
22
0.06
3.5
C
TMCRC1C226M
0.40
500
33
0.06
5.3
E
TMCRE1C336M
0.25
690
47
0.06
7.5
E
TMCRE1C476M
0.20
770
68
0.06
10.9
E
TMCRE1C686M
0.15
890
100
0.08
16.0
E
TMCRE1C107M
0.10
1100
20
10
0.06
2.0
C
TMCRC1D106M
0.60
400
15
0.06
3.0
C
TMCRC1D156M
0.50
440
22
0.06
4.4
E
TMCRE1D226M
0.35
580
33
0.06
6.6
E
TMCRE1D336M
0.30
680
47
0.06
9.4
E
TMCRE1D476M
0.20
830
25
10
0.06
2.5
E
TMCRE1E106M
0.30
630
15
0.06
3.8
E
TMCRE1E156M
0.30
630
22
0.06
5.5
E
TMCRE1E226M
0.30
630
33
0.06
8.3
E
TMCRE1E336M
0.30
630
35
10
0.06
3.5
E
TMCRE1V106M
0.30
630
15
0.06
5.3
E
TMCRE1V156M
0.30
630
22
0.06
7.7
E
TMCRE1V226M
0.50
490
GA7A
②Simplified code of rated voltage (G : 4V)
①Anode indication belt mark
④Lot indication
(A :f or manufacturing in January, 2009)
③Simplified code of nominal capacitance
(A7 : 10
µF)
③Rated voltage (16V)
①Anode indication belt mark
15
16A
②Nominal capacitance Volue (15
µF)
④Lot indication
(A : for manufacturing in January, 2009)
① ②④
② ③
Standard product tables - TMCR series
Standard product table - TMCR series
Marking indication
123456789
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year


Similar Part No. - TMCRE0J157M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCRE0J157TRF VISHAY-TMCRE0J157TRF Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TMCRE0J157M

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMF HOLYSTONECAPS-TMF Datasheet
59Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTX HOLYSTONECAPS-TMCTX Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
TMCMA1C106MTRF ETC-TMCMA1C106MTRF Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com