Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQF3R11BNRM Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GQF3R11BNRM
Description  SMD 3-Electrode 57.2 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GQF3R11BNRM Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GQF3R11BNRM Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRM Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRM Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRM Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tube:
:GQF Series
SMD 3-Electrode Φ5*7.2 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Characteristics
DC
Breakdown
Voltage
Max. Impulse
Breakdown
Voltage
Impulse
Discharge
Current
(8/20µs)
Impulse
Life
(10/1000µs)
Normal
Alternating
Discharge
Current
DC
Holdover
voltage
(100V/S)
100V/µs
1KV/µs
1
time
10
times
200A
50Hz,
1Sec
Single
9 Cycles
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
1449/
cUL
UL
497B
GQF3R075NRM
75±20%
600
700
10
5
5
30
52
GQF3R090NRM
90±20%
500
600
10
5
5
30
52
GQF3R120NRM
120±20%
500
600
10
5
5
30
80
GQF3R150NRM
150±20%
500
600
10
5
5
30
80
GQF3R200NRM
200±20%
600
700
15
10
10
60
135
GQF3R230NRM
230±20%
600
700
15
10
10
60
135
GQF3R250NRM
250±20%
600
700
15
10
10
60
135
GQF3R350NRM
350±20%
650
750
15
10
10
60
135
GQF3R400NRM
400±20%
700
800
15
10
10
60
135
GQF3R420NRM
420±20%
700
800
15
10
10
60
135
GQF3R470NRM
470±20%
800
900
15
10
10
60
135
GQF3R600NRM
600±20%
900
1000
10
5
5
60
135
GQF3R800NRM
800±20%
1150
1400
10
5
5
30
135
GQF3R11BNRM
1100±20%
1450
1750
10
5
300
5
30
135
1
2
Note1: UL / 497B→ File No. E245070, UL / 1449 3rd→ File No.E314979
Note 2: Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
70-90V
50V
120-400V
100V
420-800V
250V
1000-2000V
500V
Dimension
7.2±0.3
5.0±0.1
0.4
0.4
1.5


Similar Part No. - GQF3R11BNRM

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GQF3R11BNRW THINKING-GQF3R11BNRW Datasheet
214Kb / 4P
   SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
More results

Similar Description - GQF3R11BNRM

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
   3-Electrode 8.0T10 mm Type
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
   3-Electrode 6.08.0 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
   SMD 2-Electrode 6.2T4.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
logo
Socay Electornics Co., ...
UN3E5-470BSMD SOCAY-UN3E5-470BSMD Datasheet
112Kb / 2P
   3-Electrode SMD Gas Discharge Tube
logo
Thinking Electronic Ind...
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
logo
EPCOS
B88069X2601B502 EPCOS-B88069X2601B502 Datasheet
83Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-L JUXING-JX3R-L Datasheet
1Mb / 3P
   3-Electrode arrester
logo
EPCOS
B88069X5870B502 EPCOS-B88069X5870B502 Datasheet
64Kb / 2P
   3-Electrode-Arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com