Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPL07500HA0C0-Y Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL07500HA0C0-Y
Description  Overload Protection for Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL07500HA0C0-Y Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PPL07500HA0C0-Y Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL07500HA0C0-Y Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CPTC Thermistor: Twin SMD Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.08
Features
1. RoHS compliant
2. Two resistance-matched PTCs in a plastic housing
3. Wide resistance range in telecom area from 10 to 50
4. Agency recognition: UL/cUL/TUV
5. Compliant with ITU-T standards
6. Operating temperature range:0 ~ +60°C (V=Vmax)
-25 ~ +125°C (V=0)
Recommended Applications
1. Cable Modem, ADSL Modem with VOIP
2. Customer Premise Equipment (CPE)
3. Central Office (CO)
4. Access Equipment (AE)
5. Main Distribution Frame (MDF)
6.
Public Switched Telephone Network (PSTN)
7. Exchanger
Part Number Code
P
P
L
0
7
5
0
0
M
A
0
C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Product Code
PPL
PTC Thermistor for
Overload Protection
Dimensions
07
ψ7mm
Resistance (R25)
7R0
100
10Ω
500
50Ω
Tolerance of R25
K
±10%
L
±15%
M
±20%
H
±25%
N
±30%
Y
Special
Curie temperature
P8
80℃
A0
100℃
A2
120℃
A4
140℃
Voltage
A4
140VAC
B5
250VAC
C0
300VAC
Internal
Control Code


Similar Part No. - PPL07500HA0C0-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07500HA0C0 THINKING-PPL07500HA0C0 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
More results

Similar Description - PPL07500HA0C0-Y

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com