Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPL09250MA0B5 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL09250MA0B5
Description  Overload Protection for Telecom Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL09250MA0B5 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PPL09250MA0B5 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPL09250MA0B5 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CPTC Thermistor:
Dip Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.08
Features
1. RoHS compliant
2. Radial leaded devices
3. Wide resistance range in telecom area from 7 to 50
4. Agency recognition: UL/cUL/TUV
5. Compliant with ITU-T standards
6. Operating temperature range:0 ~ +60°C (V=Vmax)
-25 ~+125°C (V=0)
Recommended Applications
1. Cable Modem, ADSL Modem with VOIP
2. Customer Premise Equipment (CPE)
3. Central Office (CO)
4. Access Equipment (AE)
5. Main Distribution Frame (MDF)
6.
Public Switched Telephone Network (PSTN)
7. Exchanger
Part Number Code
P
P
L
0
9
1
0
0
M
A
0
B
5
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Product Code
PPL
PTC
Thermistor for
overload
protection
Dimensions
07
ψ7mm
09
ψ9mm
13
ψ13mm
Resistance (R25)
7R0
100
10Ω
500
50Ω
Tolerance of R25
K
±10%
L
±15%
M
±20%
H
±25%
N
±30%
Y
Special
Curie temperature
P8
80℃
A0
100℃
A2
120℃
A4
140℃
Voltage
A4
140VAC
B5
250VAC
C0
300VAC
Packaging
Y
Bulk
X
Ammo Box
Pitch 12.7mm
V
Ammo Box
Pitch 15mm
W
Taping & Reel
Pitch 12.7mm
U
Taping & Reel
Pitch 15mm
Internal
Control Code


Similar Part No. - PPL09250MA0B5

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
PPL03 BOOKHAM-PPL03 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL04 BOOKHAM-PPL04 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL05 BOOKHAM-PPL05 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
logo
Thinking Electronic Ind...
PPL07100HA0B5-Y THINKING-PPL07100HA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
More results

Similar Description - PPL09250MA0B5

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com