Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPD08180HP9B2 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08180HP9B2
Description  Overload Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08180HP9B2 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08180HP9B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08180HP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CPTC Thermistor:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2008.04
PPL Series
12VAC / 120℃
24VAC/ 80℃
24VAC/ 120℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dma
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL04130□A212
13
120
240
12
0.7
6.5
3.5
0.6
10.5
PPL054R6□A212
4.6
250
500
12
1.0
7.0
3.5
0.6
10.5
PPL081R8□A212
1.8
450
900
12
3.0
10
3.5
0.6
13.5
PPL091R0□A212
1.0
410
1120
12
3.0
11
3.5
0.6
14.5
PPL091R4□A212
1.4
350
1060
12
3.0
11
3.5
0.6
14.5
PPL101R2□A212
1.2
600
1200
12
4.3
12
3.5
0.6
15.5
PPL120R8□A212
0.8
850
1700
12
5.5
14
3.5
0.6
17.5
PPL140R4□A212
0.4
950
2700
12
5.0
16
3.5
0.6
19.5
PPL140R5□A212
0.5
870
2450
12
5.0
16
3.5
0.6
19.5
PPL140R9□A212
0.9
430
1210
12
5.0
16
3.5
0.6
19.5
PPL160R5□A212
0.5
1300
2600
12
8.0
17.5
5.0
0.6
21.5
PPL200R3□A212
120±10
0.3
1800
3600
12
10.0
22
5.0
0.6
25.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL077R0□P824
7.0
90
360
24
2.0
9.0
3.5
0.6
12.5
PPL07100□P824
10
80
330
24
2.0
9.0
3.5
0.6
12.5
PPL083R0□P824
3.0
145
570
24
2.0
10
3.5
0.6
13.5
PPL092R0□P824
80±10
2.0
185
720
24
2.0
11
3.5
0.6
14.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL084R7□A224
4.7
295
700
24
3.5
10
3.5
0.6
13.5
PPL103R9□A224
3.9
340
800
24
4.3
12
3.5
0.6
15.5
PPL143R3□A224
120±10
3.3
420
980
24
5.0
16
3.5
0.6
19.5


Similar Part No. - PPD08180HP9B2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD08180HP9B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com