Electronic Components Datasheet Search |
|
LCA12C Datasheet(PDF) 6 Page - Protek Devices |
|
LCA12C Datasheet(HTML) 6 Page - Protek Devices |
6 / 7 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05003.R8 11/10 Page 6 LCA05C - LCA24C 16 Pin diP PACkAge inFoRmAtion oRdeRing inFoRmAtion BAse PARt numBeR (xx = voltage) LeAdFRee suFFiX tAPe suFFiX Qty/ReeL ReeL siZe tuBe Qty LCAxxC -LF n/a n/a n/a 25 notes 1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package. Package outline per document number 06003.R2 9/09. outLine dimensions dim miLLimeteRs inCHes min mAX min mAX A 18.80 19.55 0.740 0.770 B 6.35 6.85 0.250 0.270 C 7.50 7.74 0.295 0.305 D 0.21 0.38 0.008 0.015 E 0° 10° 0° 10° F 0.51 1.01 0.020 0.040 G 3.69 4.44 0.145 0.175 H 2.80 3.30 0.110 0.130 I 1.02 1.77 0.040 0.070 J 1.27 1.27 0.050 0.050 K 0.39 0.53 0.015 0.021 L 2.54 2.54 0.100 0.100 notes 1. Dimensions are exclusive of mold flash and metal burrs. 2. Dimensions “J” and “L” are between centers. A Orientation Dot (Pin #1) B C D 16 Places E H L J 12 Places K 16 Places I 12 Places F G |
Similar Part No. - LCA12C |
|
Similar Description - LCA12C |