Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0408FC36C Datasheet(PDF) 9 Page - Protek Devices

Part # LC0408FC36C
Description  200w low capacitance flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC36C Datasheet(HTML) 9 Page - Protek Devices

  LC0408FC36C Datasheet HTML 1Page - Protek Devices LC0408FC36C Datasheet HTML 2Page - Protek Devices LC0408FC36C Datasheet HTML 3Page - Protek Devices LC0408FC36C Datasheet HTML 4Page - Protek Devices LC0408FC36C Datasheet HTML 5Page - Protek Devices LC0408FC36C Datasheet HTML 6Page - Protek Devices LC0408FC36C Datasheet HTML 7Page - Protek Devices LC0408FC36C Datasheet HTML 8Page - Protek Devices LC0408FC36C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R8 2/11
Page 9
LC0408FC3.3C - LC0408FC36C
CoMPany inFoRMation
CoMPany PRoFiLe
ProTek Devices, based in Tempe, Arizona USA, is a manufacturer of Transient Voltage Suppression (TVS) products designed specifically for
the protection of electronic systems from the effects of lightning, Electrostatic Discharge (ESD), Nuclear Electromagnetic Pulse (NEMP), in-
ductive switching and EMI/RFI. With over 25 years of engineering and manufacturing experience, ProTek designs TVS devices that provide
application specific protection solutions for all electronic equipment/systems.
ProTek Devices Analog Products Division, also manufactures analog interface, control, RF and power management products.
COPYRIGHT © ProTek Devices 2000 - This literature is subject to all applicable copyright laws and is not for resale in any manner.
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice.
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering
and technical assistance. ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek makes no warranty, representation or guarantee regarding the suitability of
its products for any particular purpose, nor does ProTek assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability without limitation special,
consequential or incidental damages.
LIFE SUPPORT POLICY: ProTek Devices products are not authorized for use in life support systems without written consent from the factory.
PATENT INFORMATION: This device is patented under U.S. Patent No. Des. “D456,367S”.
ContaCt us
Corporate headquarters
2929 South Fair Lane
Tempe, Arizona 85282
USA
By telephone
General: 602-431-8101
Sales: 602-414-5109
Customer Service: 602-414-5114
By Fax
General: 602-431-2288
By e-mail:
Sales: sales@protekdevices.com
Customer Service: service@protekdevices.com
Technical Support: support@protekdevices.com
web
www.protekdevices.com
www.protekanalog.com


Similar Part No. - LC0408FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0408FC36C PROTEC-LC0408FC36C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC36C PROTEC-LC0408FC36C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC36C PROTEC-LC0408FC36C Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
More results

Similar Description - LC0408FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com