Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCK10302L Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK10302L
Description  Power Thermistor for Limiting Inrush Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK10302L Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  SCK10302L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NTC Thermistor:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
4
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax( )
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA
TUV
CQC
SCK13013□
1
3
0.174
SCK131R37□
1.3
7
0.070
SCK132R56□
2.5
6
0.094
SCK13045□
4
5
0.132
SCK134R74□
4.7
4
0.168
SCK13055□
5
5
0.166
SCK13074□
7
4
0.184
SCK13084□
8
4
0.206
SCK13104□
10
4
0.217
SCK13124□
12
4
0.230
SCK13153□
15
3
0.343
SCK13163□
16
3
0.348
SCK13183□
18
3
0.365
SCK13203□
20
3
0.410
3.1
Approx .
18
Approx.
66
-40 ~ +200
SCK150R78A□
0.7
8
0.051
SCK15018□
1
8
0.054
SCK151R38□
1.3
8
0.064
SCK151R58□
1.5
8
0.068
SCK15028□
2
8
0.078
SCK152R58□
2.5
8
0.086
SCK15037□
3
7
0.091
SCK15046□
4
6
0.117
SCK15056□
5
6
0.121
SCK15065□
6
5
0.159
SCK15075□
7
5
0.161
SCK15085□
8
5
0.165
SCK15105□
10
5
0.178
SCK15125□
12
5
0.185
SCK15154□
15
4
0.261
SCK15164□
16
4
0.265
SCK15184□
18
4
0.273
SCK15204□
20
4
0.283
SCK15224□
22
4
0.308
SCK15253□
25
3
0.425
SCK15303□
30
3
0.461
SCK15333□
33
3
0.484
SCK15403□
40
3
0.511
SCK15473□
47
3
0.517
SCK15802X□
80
2.5
0.693
SCK151202□
120
2
1.010
3.6
Approx.
21
Approx.
75
-40 ~ +200


Similar Part No. - SCK10302L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCK10 ETC2-SCK10 Datasheet
115Kb / 1P
   NTC THERMISTORS
logo
Pulse A Technitrol Comp...
SCK1001 PULSE-SCK1001 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
SCK1002 PULSE-SCK1002 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
More results

Similar Description - SCK10302L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
   Power Thermistor for Limiting Inrush Current
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com