Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCK10302L Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK10302L
Description  Power Thermistor for Limiting Inrush Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK10302L Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  SCK10302L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK10302L Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NTC Thermistor:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
2
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Structure and Dimensions
(Unit: mm)
Body Size
Dmax.
P.
d
Amax.
Lmin.
Tmax.
ψ
05
6.5
4±0.6
0.8±0.02
6.5
31
5
ψ
08
9.5
5±0.8
0.8±0.02
9.5
31
5
ψ
10
11.5
5±0.8
0.8±0.02
11.5
31
5
ψ
13
14.5
7.5±1
0.8±0.02
14.5
30
6
ψ
15
16.5
7.5±1
1.0±0.02
16.5
29
6
ψ
20
21.5
7.5±1
1.0±0.02
21.5
26
6
ψ
25
29
7.5±1
1.0±0.02
29
25
7
ψ
30
36
7.5±1
1.0±0.02
36
23
8
F Type (Y kink lead)
(Unit: mm)
Body Size
Dmax.
P
d
Amax.
Lmin.
Tmax.
ψ
05
6.5
4±0.6
0.8±0.02
11
29
5
ψ
08
9.5
5±0.8
0.8±0.02
13
29
5
ψ
10
11.5
5±0.8
0.8±0.02
15
29
5
ψ
13
14.5
7.5±1
0.8±0.02
17.5
27
6
ψ
15
16.5
7.5±1
1±0.02
19
26
6
ψ
20
21.5
7.5±1
1±0.02
24.5
25
6
ψ
25
29
7.5±1
1±0.02
35
22
7
ψ
30
36
7.5±1
1±0.02
42
22
8
S Type (Straight lead)
(Unit: mm)
Body Size
Dmax.
P
d
Amax.
Hmax.
C.
Tmax.
ψ
05
6.5
4±0.6
0.8±0.02
11
15.5
4.0±1
5
ψ
08
9.5
5±0.8
0.8±0.02
13
17.5
4.0±1
5
ψ
10
11.5
5±0.8
0.8±0.02
15
19.5
4.0±1
5
ψ
13
14.5
7.5±1
0.8±0.02
17.5
21.5
4.0±1
6
ψ
15
16.5
7.5±1
1±0.02
19
23.5
4.0±1
6
ψ
20
21.5
7.5±1
1±0.02
24.5
28.5
4.0±1
6
T Type (L kink lead)
T
A
L
d
P
D
D
T
A
L
d
P
d
P
D
C


Similar Part No. - SCK10302L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCK10 ETC2-SCK10 Datasheet
115Kb / 1P
   NTC THERMISTORS
logo
Pulse A Technitrol Comp...
SCK1001 PULSE-SCK1001 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
SCK1002 PULSE-SCK1002 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
More results

Similar Description - SCK10302L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
   Power Thermistor for Limiting Inrush Current
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com