Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC05-5 Datasheet(PDF) 2 Page - Protek Devices

Part # SFC05-5
Description  250w flip chip tvs array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SFC05-5 Datasheet(HTML) 2 Page - Protek Devices

  SFC05-5 Datasheet HTML 1Page - Protek Devices SFC05-5 Datasheet HTML 2Page - Protek Devices SFC05-5 Datasheet HTML 3Page - Protek Devices SFC05-5 Datasheet HTML 4Page - Protek Devices SFC05-5 Datasheet HTML 5Page - Protek Devices SFC05-5 Datasheet HTML 6Page - Protek Devices SFC05-5 Datasheet HTML 7Page - Protek Devices SFC05-5 Datasheet HTML 8Page - Protek Devices SFC05-5 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05130.R9 12/10
Page 2
SFC05-5
tyPiCal DeviCe ChaRaCteRiStiCS
MaXiMuM RatingS @ 25°C unless otherwise Specified
PaRaMeteR
SyMBol
value
unitS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCtRiCal ChaRaCteRiStiCS PeR line @ 25°C unless otherwise Specified
PaRt
nuMBeR
RateD
StanD-oFF
voltage
v
wM
voltS
MiniMuM
BReakDown
voltage
@ 1ma
v
(BR)
voltS
MaXiMuM
ClaMPing
voltage
(Fig. 2)
@ i
P = 5a
v
C
voltS
MaXiMuM
ClaMPing
voltage
(Fig. 2)
@ 8/20µS
v
C @ iPP
MaXiMuM
leakage
CuRRent
@v
wM
i
D
µa
tyPiCal
CaPaCitanCe
@0v, 1Mhz
C
j
pF
SFC05-5
5.0
6.0
9.5
11.0V @ 24.0A
10
150


Similar Part No. - SFC05-5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5-LF-T75-2 PROTEC-SFC05-5-LF-T75-2 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5-T75-1 PROTEC-SFC05-5-T75-1 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5-T75-2 PROTEC-SFC05-5-T75-2 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
More results

Similar Description - SFC05-5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com