Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRV05-4 Datasheet(PDF) 6 Page - Protek Devices

Part # SRV05-4
Description  ultra low capacitance steering diode/tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SRV05-4 Datasheet(HTML) 6 Page - Protek Devices

  SRV05-4_11 Datasheet HTML 1Page - Protek Devices SRV05-4_11 Datasheet HTML 2Page - Protek Devices SRV05-4_11 Datasheet HTML 3Page - Protek Devices SRV05-4_11 Datasheet HTML 4Page - Protek Devices SRV05-4_11 Datasheet HTML 5Page - Protek Devices SRV05-4_11 Datasheet HTML 6Page - Protek Devices SRV05-4_11 Datasheet HTML 7Page - Protek Devices SRV05-4_11 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05150.R13 2/11
Page 6
SRV05-4
Sot-23-6 Package inFoRmation
outline dimenSionS
dim
millimeteRS
incheS
min
maX
min
maX
A
2.80
3.05
0.110
0.120
B
1.50
1.75
0.059
0.070
C
0.90
1.30
0.036
0.051
D
0.30
0.40
0.012
0.016
E
0.85
1.05
0.033
0.040
G
0.90
1.45
0.036
0.057
J
0.09
0.20
0.003
0.008
K
2.60
3.00
0.102
0.118
L
0.0
0.15
0.0
0.006
M
0.30
0.60
0.012
0.024
noteS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
Pad layout dimenSionS
dim
millimeteRS
incheS
nominal
nominal
A
0.70
0.028
B
1.90
0.074
C
0.95
0.037
D
2.40
0.094
E
1.00
0.039
noteS
1. Controlling dimension: inches.
D
E
K
4
5
6
3
2
1
A
G
C
L
B
M
0° - 8°
J
D
C
B
A
E


Similar Part No. - SRV05-4_11

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SRV05-4W1 LEIDITECH-SRV05-4W1 Datasheet
2Mb / 8P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4_12 Datasheet
633Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4_16 Datasheet
114Kb / 9P
   Transient Voltage Suppressors
August, 2016 ??Rev. 2
More results

Similar Description - SRV05-4_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
   ultra low capacitance steering diode/TVS array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com