Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS126T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDS126T
Description  TS6 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS126T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS126T Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2006. 2. 23
1/1
SEMICONDUCTOR
MARKING SPECIFICATION
KDS126T
TS6 PACKAGE
Revision No : 0
1. Marking method
Laser Marking
2. Marking
2
1
U B
No.
Item
Marking
Description
Device Mark
UB
KDS126T
* Lot No.
JA
2005. 1st Week
[ 0 : 1st Chracter, 1:2nd Character ]
Note) * Lot No. marking method
Lot No.
Description
Remark
01, 02 ....51, 52
01 : 2002. 1st Week,
02 : 2002. 2nd Week
51 : 2002. 51th Week,
52 : 2002. 52th Week.
Rotation for 4 years :
01...52 : ...2002, 2006, 2010...
0A...5B : ...2003, 2007, 2011...
J1...E2 : ...2004, 2008, 2012...
JA...EB : ...2005, 2009, 2013...
0A, 0B ....5A, 5B**
0A : 2003. 1st Week,
0B : 2003. 2nd Week
5A : 2003. 51th Week,
5B : 2003. 52th Week.
J1, J2 ....E1, E2**
J1 : 2004. 1st Week,
J2 : 2004. 2nd Week
E1 : 2004. 51th Week,
E2 : 2004. 52th Week.
JA, JB ....EA, EB**
JA : 2005. 1st Week,
JB : 2005. 2nd Week
EA : 2005. 51th Week,
EB : 2005. 52th Week.
** : Meaning (A=1, B=2, C=3, D=4, E=5, F=6, G=7, H=8, I=9, J=0)


Similar Part No. - KDS126T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS126E KEC-KDS126E Datasheet
351Kb / 1P
   TES6 PACKAGE
KDS126U KEC-KDS126U Datasheet
351Kb / 1P
   US6 PACKAGE
More results

Similar Description - KDS126T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS125T KEC-KDS125T Datasheet
374Kb / 1P
   TS6 PACKAGE
KTC812T KEC-KTC812T_05 Datasheet
15Kb / 1P
   TS6 PACKAGE
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
   Package on Package (PoP) Family
logo
KEC(Korea Electronics)
KDV239 KEC-KDV239_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDV269 KEC-KDV269_08 Datasheet
350Kb / 1P
   USC PACKAGE
KDV269E KEC-KDV269E_04 Datasheet
49Kb / 1P
   ESC PACKAGE
KDV269V KEC-KDV269V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV273 KEC-KDV273_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDZ11V KEC-KDZ11V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ110VW KEC-KDZ110VW Datasheet
21Kb / 1P
   USC PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com