Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-3NF35 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # STK14C88-3NF35
Description  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF35 Datasheet(HTML) 4 Page - Cypress Semiconductor

  STK14C88-3NF35 Datasheet HTML 1Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 2Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF35 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 4 of 18
Device Operation
The STK14C88-3 nvSRAM is made up of two functional
components paired in the same physical cell. These are an
SRAM memory cell and a nonvolatile QuantumTrap cell. The
SRAM memory cell operates as a standard fast static RAM.
Data in the SRAM is transferred to the nonvolatile cell (the
STORE operation) or from the nonvolatile cell to SRAM (the
RECALL operation). This unique architecture enables the
storage and recall of all cells in parallel. During the STORE and
RECALL operations, SRAM READ and WRITE operations are
inhibited. The STK14C88-3 supports unlimited reads and
writes similar to a typical SRAM. In addition, it provides
unlimited RECALL operations from the nonvolatile cells and
up to one million STORE operations.
SRAM Read
The STK14C88-3 performs a READ cycle whenever CE and
OE are LOW while WE and HSB are HIGH. The address
specified on pins A0–14 determines the 32,768 data bytes
accessed. When the READ is initiated by an address
transition, the outputs are valid after a delay of tAA (READ
cycle 1). If the READ is initiated by CE or OE, the outputs are
valid at tACE or at tDOE, whichever is later (READ cycle 2). The
data outputs repeatedly respond to address changes within
the tAA access time without the need for transitions on any
control input pins, and remains valid until another address
change or until CE or OE is brought HIGH, or WE or HSB is
brought LOW.
SRAM Write
A WRITE cycle is performed whenever CE and WE are LOW
and HSB is HIGH. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until either
CE or WE goes HIGH at the end of the cycle. The data on the
common I/O pins DQ0–7 are written into the memory if it has
valid tSD, before the end of a WE controlled WRITE or before
the end of an CE controlled WRITE. Keep OE HIGH during the
entire WRITE cycle to avoid data bus contention on common
I/O lines. If OE is left LOW, internal circuitry turns off the output
buffers tHZWE after WE goes LOW.
AutoStore Operation
The STK14C88-3 can be powered in one of three storage
operations:
During normal operation, the device draws current from VCC
to charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE
operation. If the voltage on the VCC pin drops below VSWITCH,
the part automatically disconnects the VCAP pin from VCC. A
STORE operation is initiated with power provided by the VCAP
capacitor.
Figure 2 shows the proper connection of the storage capacitor
(VCAP) for automatic store operation. A charge storage
capacitor having a capacity of between 68 uF and 220 uF
(+20%) rated at 4.7V should be provided.
To reduce unnecessary nonvolatile stores, AutoStore and
Hardware Store operations are ignored, unless at least one
WRITE operation has taken place since the most recent
STORE or RECALL cycle. Software initiated STORE cycles
are performed regardless of whether a WRITE operation has
taken place. An optional pull-up resistor is shown connected
to HSB. The HSB signal is monitored by the system to detect
if an AutoStore cycle is in progress.
If the power supply drops faster than 20 us/volt before Vcc
reaches VSWITCH, then a 1 ohm resistor should be connected
between VCC and the system supply to avoid momentary
excess of current between VCC and VCAP.
AutoStore Inhibit Mode
If an automatic STORE on power loss is not required, then VCC
is tied to ground and +3.3V is applied to VCAP (Figure 3 on
page 5). This is the AutoStore Inhibit mode, where the
AutoStore function is disabled. If the STK14C88-3 is operated
in this configuration, references to VCC are changed to VCAP
throughout this data sheet. In this mode, STORE operations
are triggered through software control. It is not permissible to
change between these options “On the fly”.
Figure 2. AutoStore Mode
[+] Feedback
[+] Feedback


Similar Part No. - STK14C88-3NF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3NF35 ETC-STK14C88-3NF35 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF35 CYPRESS-STK14C88-3NF35 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14C88-3NF35I ETC-STK14C88-3NF35I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Similar Description - STK14C88-3NF35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com