Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-3NF45ITR Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STK14C88-3NF45ITR
Description  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45ITR Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK14C88-3NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 11Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 12Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 13Page - Cypress Semiconductor STK14C88-3NF45ITR Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 10 of 18
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
35 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
35
45
ns
tRC [9]
tAVAV, tELEH
Read Cycle Time
35
45
ns
tAA [10]
tAVQV
Address Access Time
35
45
ns
tDOE
tGLQV
Output Enable to Data Valid
15
20
ns
tOHA [10]
tAXQX
Output Hold After Address Change
5
5
ns
tLZCE [11]
tELQX
Chip Enable to Output Active
5
5
ns
tHZCE [11]
tEHQZ
Chip Disable to Output Inactive
13
15
ns
tLZOE [11]
tGLQX
Output Enable to Output Active
0
0
ns
tHZOE [11]
tGHQZ
Output Disable to Output Inactive
13
15
ns
tPU [8]
tELICCH
Chip Enable to Power Active
0
0
ns
tPD [8]
tEHICCL
Chip Disable to Power Standby
35
45
ns
Switching Waveforms
Figure 7. SRAM Read Cycle 1: Address Controlled [9, 10]
Figure 8. SRAM Read Cycle 2: CE and OE Controlled [9]
Notes
9. WE and HSB must be HIGH during SRAM Read Cycles.
10. I/O state assumes CE and OE < VIL and WE > VIH; device is continuously selected.
11. Measured ±200 mV from steady state output voltage.
[+] Feedback
[+] Feedback


Similar Part No. - STK14C88-3NF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3NF45ITR SIMTEK-STK14C88-3NF45ITR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45ITR SIMTEK-STK14C88-3NF45ITR Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45ITR CYPRESS-STK14C88-3NF45ITR Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK14C88-3NF45ITR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com