Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV214E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV214E
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV214E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV214E_03 Datasheet HTML 1Page - KEC(Korea Electronics) KDV214E_03 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 12. 2
2/2
KDV214E
Revision No : 3
10
0
REVERSE VOLTAGE V
(V)
R
I
- V
RR
10
30
20
40
0
10
1
REVERSE VOLTAGE V
(V)
R
TR
C
- V
50
5
10
15
20
f=1MHz
-1.5
-1.0
10
1
REVERSE VOLTAGE V
(V)
R
TR
R
∆(LOG C ) / ∆(LOG V ) - V
50
-0.5
0
0
10
1
REVERSE VOLTAGE V
(V)
R
sR
r
- V
50
0.5
f=470MHz
0.6
0.3
0.4
0.1
0.2
-12
10
-11
10
-13
10
-10


Similar Part No. - KDV214E_03

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV214EA KEC-KDV214EA Datasheet
49Kb / 1P
   ESC PACKAGE
KDV214EA KEC-KDV214EA_15 Datasheet
353Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDV214E_03

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com