Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1220LLHLT-T2 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1220LLHLT-T2
Description  Chopper Stabilized Precision Hall Effect Latches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1220LLHLT-T2 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1220LLHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1220LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Chopper Stabilized Precision Hall Effect Latches
A1220, A1221,
A1222, and A1223
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Operate Point versus Temperature
90
80
70
60
50
40
30
20
10
0
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Operate Point versus Supply Voltage
90
80
70
60
50
40
30
20
10
0
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
2
6
10
14
18
22
26
VCC (V)
Release Point versus Temperature
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Release Point versus Supply Voltage
2
6
10
14
18
22
26
VCC (V)
Switchpoint Hysteresis versus Temperature
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
-60
-40
-20
0
20
40
60
80
100 120 140 160
TA (°C)
Switchpoint Hysteresis versus Supply Voltage
2
6
10
14
18
22
26
VCC (V)
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
2.6
12
24
(V)
2.6
12
24
(V)
2.6
12
24
(V)
150
-40
25
(°C)
150
-40
25
(°C)
150
-40
25
(°C)
A1221 Magnetic Characteristics


Similar Part No. - A1220LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1220LLHLT-T2 ALLEGRO-A1220LLHLT-T2 Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A1220LLHLT-T2 ALLEGRO-A1220LLHLT-T2 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
More results

Similar Description - A1220LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com