Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1222ELHLX-T2 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1222ELHLX-T2
Description  Chopper Stabilized Precision Hall Effect Latches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1222ELHLX-T2 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1222ELHLX-T2 Datasheet HTML 1Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 2Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 3Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 4Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 5Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 6Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 7Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 8Page - Allegro MicroSystems A1222ELHLX-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The A1220, A1221, A1222, and A1223 Hall-effect sensor ICs
are extremely temperature-stable and stress-resistant devices
especiallysuitedforoperationoverextendedtemperatureranges
to 150°C. Superior high-temperature performance is made
possiblethroughdynamicoffsetcancellation,whichreducesthe
residual offset voltage normally caused by device overmolding,
temperature dependencies, and thermal stress. Each device
includes on a single silicon chip a voltage regulator, Hall-
voltage generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, and a short-circuit protected open-drain output
to sink up to 25 mA. A south pole of sufficient strength turns
the output on. A north pole of sufficient strength is necessary
to turn the output off.
An onboard regulator permits operation with supply voltages
of 3 to 24 V. The advantage of operating down to 3 V is that
the device can be used in 3-V applications or with additional
external resistance in series with the supply pin for greater
protection against high voltage transient events.
Two package styles provide magnetically optimized packages
for most applications. Package type LH is a modified 3-pin
SOT23W surface mount package while UAis a three-pin ultra-
mini SIP for through hole mounting. Both packages are lead
(Pb) free, with 100% matte tin plated leadframes.
A1220-DS, Rev. 11
Features and Benefits
▪ Symmetrical latch switchpoints
▪ Resistant to physical stress
▪ Superior temperature stability
▪ Output short-circuit protection
▪ Operation from unregulated supply down to 3 V
▪ Reverse battery protection
▪ Solid-state reliability
▪ Small package sizes
Chopper Stabilized Precision Hall Effect Latches
Packages:
Functional Block Diagram
Not to scale
A1220, A1221, A1222, and A1223
3-pin SOT23W (suffix LH)
3-pin SIP (suffix UA)
Regulator
GND
VCC
VOUT
Control
Current Limit
To All Subcircuits
Amp
Low-Pass
Filter


Similar Part No. - A1222ELHLX-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1222ELHLX-T2 ALLEGRO-A1222ELHLX-T2 Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A1222ELHLX-T2 ALLEGRO-A1222ELHLX-T2 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
More results

Similar Description - A1222ELHLX-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com