Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7291 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 4 Page - Analog Devices

  AD7291_11 Datasheet HTML 1Page - Analog Devices AD7291_11 Datasheet HTML 2Page - Analog Devices AD7291_11 Datasheet HTML 3Page - Analog Devices AD7291_11 Datasheet HTML 4Page - Analog Devices AD7291_11 Datasheet HTML 5Page - Analog Devices AD7291_11 Datasheet HTML 6Page - Analog Devices AD7291_11 Datasheet HTML 7Page - Analog Devices AD7291_11 Datasheet HTML 8Page - Analog Devices AD7291_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7291
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit 1
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.3
V
VDRIVE < 1.8
VDRIVE − 0.2
V
VDRIVE ≥ 1.8
Output Low Voltage, VOL
0.4
V
ISINK = 3 mA
0.6
V
ISINK = 6 mA
Floating State Leakage Current
±0.01
±1
μA
Floating State Output Capacitance3
8
pF
TEMPERATURE SENSOR—INTERNAL
Operating Range
−40
+125
°C
Accuracy
±1
±3
°C
Resolution
0.25
°C
LSB size
CONVERSION RATE
Conversion Time
3.2
μs
Autocycle Update Rate6
50
μs
Throughput Rate
22.22
kSPS
fSCL = 400 kHz
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VDD
2.8
3
3.6
V
VDRIVE
1.65
3
3.6
V
ITOTAL7, 8
Normal Mode (Operational)
2.9
3.5
mA
Normal Mode (Static)
2.9
3.3
mA
Full Power-Down Mode
0.3
1.6
μA
TA = −40°C to +25°C
1.6
4.5
μA
TA = >25°C to 85°C
4.9
12
μA
TA = >85°C to 125°C
Power Dissipation8
Normal Mode (Operational)
8.7
10.5
mW
VDD = 3 V, VDRIVE = 3 V
10.4
12.6
mW
Normal Mode (Static)
10.4
11.9
mW
Full Power-Down Mode
1.1
5.8
μW
TA = −40°C to +25°C
5.8
16.2
μW
TA = >25°C to 85°C
17.6
43.2
μW
TA = >85°C to 125°C
1 All specifications expressed in decibels are referred to full-scale input, FSR, and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
2 See the Terminology section.
3 Sample tested during initial release to ensure compliance.
4 Refers to Pin VREF specified for 25oC.
5 A correction factor may be required on the temperature sensor results when using an external VREF (see the Temperature Sensor Averaging section).
6 Sampled during initial release to ensure compliance; not subject to production testing.
7 ITOTAL is the total current flowing in VDD and VDRIVE.
8 ITOTAL and power dissipation are specified with VDD = VDRIVE = 3.6 V, unless otherwise noted.


Similar Part No. - AD7291_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
More results

Similar Description - AD7291_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com