Electronic Components Datasheet Search |
|
AD7291 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7291 Datasheet(HTML) 6 Page - Analog Devices |
6 / 28 page AD7291 Rev. 0 | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS Table 4. Parameter Rating VDD to GND1, GND −0.3 V to +5 V VDRIVE to GND1, GND −0.3 V to +5 V Analog Input Voltage to GND1 −0.3 V to +3 V Digital Input Voltage to GND1 −0.3 V to VDRIVE + 0.3 V Digital Output Voltage to GND1 −0.3 V to VDRIVE + 0.3 V VREF to GND1 −0.3 V to +3 V GND to GND1 −0.3 V to +0.3 V Input Current to Any Pin Except Supplies 1 ±10 mA Operating Temperature Range −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C Pb-free Temperature, Soldering Reflow 260(+0)°C ESD 2 kV 1 Transient currents of up to 100 mA do not cause latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE Table 5. Thermal Resistance Package Type θJA θJC Unit 20-Lead LFCSP 52 6.5 °C/W ESD CAUTION |
Similar Part No. - AD7291_11 |
|
Similar Description - AD7291_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |