Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7291 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7291
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 1 Page - Analog Devices

  AD7291_11 Datasheet HTML 1Page - Analog Devices AD7291_11 Datasheet HTML 2Page - Analog Devices AD7291_11 Datasheet HTML 3Page - Analog Devices AD7291_11 Datasheet HTML 4Page - Analog Devices AD7291_11 Datasheet HTML 5Page - Analog Devices AD7291_11 Datasheet HTML 6Page - Analog Devices AD7291_11 Datasheet HTML 7Page - Analog Devices AD7291_11 Datasheet HTML 8Page - Analog Devices AD7291_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Channel, I2C, 12-Bit SAR ADC
with Temperature Sensor
AD7291
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit SAR ADC
8 single-ended analog input channels
Analog input range: 0 V to 2.5 V
12-bit temperature-to-digital converter
Temperature sensor accuracy of ±1°C typical
Channel sequencer operation
Specified for VDD of 2.8 V to 3.6 V
Logic voltage VDRIVE = 1.65 V to 3.6 V
Internal 2.5 V reference
I2C-compatible serial interface supports standard and
fast speed modes
Out of range indicator/alert function
Autocycle mode
Power-down current: 12 μA maximum
Temperature range: −40°C to +125°C
20-lead LFCSP package
FUNCTIONAL BLOCK DIAGRAM
TEMP
SENSOR
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
INPUT
MUX
T/H
VDD
GND
PD/RST
SCL
SDA
AS1
AS0
VDRIVE
VIN7
VIN0
CONTROL LOGIC
I2C INTERFACE
SEQUENCER
VREF
BUF
REF
AD7291
ALERT
Figure 1.
GENERAL DESCRIPTION
The AD7291 is a 12-bit, low power, 8-channel, successive
approximation analog-to-digital converter (ADC) with an
internal temperature sensor.
The part operates from a single 3.3 V power supply and features
an I2C-compatible interface. The part contains a 9-channel
multiplexer and a track-and-hold amplifier than can handle
frequencies up to 30 MHz. The device has an on-chip 2.5 V
reference that can be disabled to allow the use of an external
reference.
The AD7291 provides a 2-wire serial interface compatible with
I2C interfaces. The I2C interface supports standard and fast I2C
interface modes. The AD7291 normally remains in a partial
power-down state while not converting and powers up for
conversions. The conversion process can be controlled by a
command mode where conversions occur across I2C write
operations or an autocycle mode selected through software
control.
The AD7291 includes a high accuracy band gap temperature
sensor, which is monitored and digitized by the 12-bit ADC to
give a resolution of 0.25°C.
The AD7291 offers a programmable sequencer, which enables
the selection of a preprogrammable sequence of channels for
conversion.
On-chip limit registers can be programmed with high and low
limits for the conversion results; an out-of-range indicator
output (ALERT) becomes active when the programmed high
or low limits are violated by the conversion result. This output
can be used as an interrupt.
PRODUCT HIGHLIGHTS
1.
Ideally suited to monitoring system variables in a variety
of systems including telecommunications, process control,
and industrial control.
2.
I2C-compatible serial interface, which supports standard
and fast modes.
3.
Automatic partial power-down while not converting to
maximize power efficiency.
4.
Channel sequencer operation.
5.
Integrated temperature sensor with 0.25°C resolution.
6.
Out of range indicator that can be software disabled or
enabled.
Table 1. AD7291 and Related Products
Device
Resolution
Interface
Features
AD7291
12-bit
I2C
8-channel, I2C, 12-bit SAR
ADC with temperature sensor
AD7298
12-bit
SPI
8-channel, 1 MSPS, 12-bit SAR
ADC with temperature sensor


Similar Part No. - AD7291_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
More results

Similar Description - AD7291_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com