Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5005 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N5005
Description  Chip Type 2C5153 Geometry 9221 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5005 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N5005 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C5153
Geometry 9221
Polarity NPN
Data Sheet No. 2C5153
Generic Packaged Parts:
2N5003, 2N5005, 2N5151,
2N5153
Chip type 2C5153 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N5003, 2N5005, 2N5151, 2N5151L, 2N5153,
2N5153L
APPLICATIONS: Designed for medium
power amplifier and switching and wide
band amplifier applications.
Features:
• Medium power ratings
Top
Al - 37.5 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
12 mils x 40 mils
Base
12 mils x 30 mils
Die Thickness
Chip Area
Top Surface
100 mils x 100 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10 mA, IE= 0
80
---
V dc
ICES
VCE = 60 V, VBE = 0
---
1.0
µA
IEBO
VEB = 4.0 VC, IC = 0
---
1.0
µA
hFE
IC = 50 mA dc, VCE= 5.0 V
50
---
---
Electrical Characteristics
TA= 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - 2N5005

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5005 SEMICOA-2N5005 Datasheet
153Kb / 3P
   Type 2N5005 Geometry 9702 Polarity PNP
logo
Solid States Devices, I...
2N5005 SSDI-2N5005 Datasheet
286Kb / 6P
   5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
logo
Microsemi Corporation
2N5005 MICROSEMI-2N5005 Datasheet
71Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Solid States Devices, I...
2N5005 SSDI-2N5005 Datasheet
224Kb / 2P
   5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
logo
Semicoa Semiconductor
2N5005 SEMICOA-2N5005 Datasheet
203Kb / 2P
   Silicon PNP Transistor
More results

Similar Description - 2N5005

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
   Chip Type 2C5664 Geometry 9221 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
   Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
2C2369A SEMICOA-2C2369A Datasheet
30Kb / 1P
   Chip Type 2C2369A Geometry 0005 Polarity NPN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com