Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA301C104K4R Datasheet(PDF) 1 Page - AVX Corporation

Part # AA301C104K4R
Description  Axial Leads/SpinGuard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AA301C104K4R Datasheet(HTML) 1 Page - AVX Corporation

  AA301C104K4R Datasheet HTML 1Page - AVX Corporation AA301C104K4R Datasheet HTML 2Page - AVX Corporation AA301C104K4R Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Axial Leads/SpinGuard
®
AVX AA Series
Electrical Characteristics:
AA101C103K4R
Capacitance @ 25ºC, 1kHz, 1Vrms
0.0100μF
Capacitance Tolerance
±10 %
Dissipation Factor @ 25ºC
2.5% Max
Rated Voltage
100Vdc
Dielectric Withstand Voltage
250Vdc
Insulation Resistance @ 25ºC @ Rated Voltage
100000 Mohms
Temperature Characteristics:
X7R (-55 to + 125ºC ± 15% @ 0Vdc)
Lead Wire
Core
Steel
Plating
200-300 μ" Sn
Underlying
40-60 μ" Ni
GENERAL DESCRIPTION
HOW TO ORDER
AA10
Component
Size
1
Voltage
Rating
C
Temperature
Characteristic
Code
103
Capacitance
Code
K
Capacitance
Tolerance
Code
4
Failure Rate
4 = Automotive
R
RoHS
Compliant
2.54 (.100
")
Max.
4.32 (0.170
")
Max.
25.4 ± 0.38
(1.000 ± .015
")
.45 ± 0.05
(.0177
" ± .002")
Dimensions: Millimeters
(Inches)
MARKING (EXAMPLE)
SpinGuard marking includes full date code/lot code identifica-
tion. A first in the industry, this format provides complete trace-
ability to all manufacturing processes involving the basic chip
and final assembly. Total Shipment traceability is also provided.
PACKAGING REQUIREMENTS
Tape and Reel Ø 14": 7500 pieces
A
1
C
10
3
K
A
B
11
0
7
VOLTAGE
(1 = 100V)
TEMPERATURE
CHARACTERISTICS
AVX
CAPACITANCE
TOLERANCE
CODE
YEAR (2011)
WEEK (7th)
CAP CODE
AND MULTIPLIER
ALPHA-ALPHA,
LOT CODE
AB=LOT #2 IN WEEK
AA101C103K4R
LOT CODE/DATE CODE
=1107AB


Similar Part No. - AA301C104K4R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results

Similar Description - AA301C104K4R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA115E334ZAA AVX-SA115E334ZAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com